Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCD4C60S Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WCD4C60S
Description  Silicon Controlled Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WCD4C60S Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WCD4C60S Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WCD4C60S Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WCD4C60S Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WCD4C60S Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WCD4C60S Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (TC=25℃ unless otherwise noted)
Symbol
Parameter
Test Conditions
Value
Units
Min
Typ
Max
IDRM
Repetitive Peak Off-State Current
VAK=VDRM RGK=1KΩ
-
-
5
μA
-
-
1
mA
VTM
Peak On-State Voltage (1)
ITM=8A, tp=380㎲
-
-
1.8
V
IGT
Gate Trigger Current (2)
VD=12V,RL=140
20
-
80
μA
VGT
Gate Trigger Voltage (2)
-
-
0.8
V
VGD
Non-Trigger Gate Voltage (1)
VD=12V,RL=3.3KΩ, RGK=1 KΩ
0.1
V
dv/dt
Critical Rate of Rise Off-State Voltage
VD=67%VDRM, RGK=1 KΩ
15
-
-
V/㎲
IH
Holding Current
IT=50mA, RGK=1 KΩ
-
-
5
mA
IL
Latching Current
IT=1mA, RGK=1 KΩ
6
-
-
mA
Rd
Dynamic resistance
Tj=125°C
-
-
100
mΩ
N
N
N
Not
ot
ot
ote:
e:
e:
e:
1. Pulse Width = 1.0 ms , Duty cycle ≤ 1%
2. RGK Current not Included in measurement
W
W
W
WC
C
C
CD
D
D
D4
4
4
4C
C
C
C6
6
6
60S
0S
0S
0S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com