Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCD20C60 Datasheet(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WCD20C60
Description  Silicon Controlled Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WCD20C60 Datasheet(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WCD20C60 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WCD20C60 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WCD20C60 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WCD20C60 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WCD20C60 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
W
W
W
WCD20C60
CD20C60
CD20C60
CD20C60
2/5
Electrical Characteristics (TC=25℃,unless otherwise noted)
Symbol
Parameter
Test Conditions
Value
Units
Min
Typ
Max
IDRM
Repetitive Peak Off-State
Current
VAK=VDRM
TC=25℃
TC=125℃
-
-
10
μA
-
-
200
μA
VTM
Peak On-State Voltage (1)
ITM=20A, tp=380㎲
-
1.3
1.6
V
IGT
Gate Trigger Current (2)
VAK=6V(DC),RL=10Ω
TC=25℃
-
-
15
mA
VGT
Gate Trigger Voltage (2)
VD=6V(DC),RL=10Ω
TC=25℃
-
-
1.5
V
VGD
Non-Trigger Gate Voltage (1)
VAK=12V,RL=100Ω
TC=125℃
0.2
-
-
V
dv/dt
Critical Rate of Rise Off-State
Voltage
Linear slope up to VD=67%
VDRM, gate open
TJ=125℃
200
-
-
V/㎲
IH
Holding Current
IT=100mA, Gate Open
TC=25℃
-
-
20
mA
*Notes:
*Notes:
*Notes:
*Notes:
1 Pulse Width ≤1.0ms,Duty cycle≤1%
2 RGK Current is not Included in measurement.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com