Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CSDFP Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R5F2136CSDFP
Description  RENESAS MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CSDFP Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R5F2136CSDFP Datasheet HTML 29Page - Renesas Technology Corp R5F2136CSDFP Datasheet HTML 30Page - Renesas Technology Corp R5F2136CSDFP Datasheet HTML 31Page - Renesas Technology Corp R5F2136CSDFP Datasheet HTML 32Page - Renesas Technology Corp R5F2136CSDFP Datasheet HTML 33Page - Renesas Technology Corp R5F2136CSDFP Datasheet HTML 34Page - Renesas Technology Corp R5F2136CSDFP Datasheet HTML 35Page - Renesas Technology Corp R5F2136CSDFP Datasheet HTML 36Page - Renesas Technology Corp R5F2136CSDFP Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 61 page
background image
R8C/36T-A Group
4. Electrical Characteristics
R01DS0055EJ0100 Rev.1.00
Page 33 of 58
Dec 09, 2011
4.
Electrical Characteristics
4.1
Absolute Maximum Ratings
Table 4.1
Absolute Maximum Ratings
Symbol
Parameter
Condition
Rated Value
Unit
Vcc/AVcc
ICEVcc
Supply voltage
0.3 to 6.5
V
VI
Input voltage
0.3 to Vcc + 0.3
V
VO
Output voltage
0.3 to Vcc + 0.3
V
Pd
Power dissipation
40°C  Topr  85°C
500
mW
Topr
Operating ambient temperature
20 to 85 (N version)/
40 to 85 (D version)
°C
Tstg
Storage temperature
65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com