Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJH60M2DPE Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJH60M2DPE
Description  600 V - 12 A - IGBT Application: Inverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60M2DPE Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJH60M2DPE Datasheet HTML 1Page - Renesas Technology Corp RJH60M2DPE Datasheet HTML 2Page - Renesas Technology Corp RJH60M2DPE Datasheet HTML 3Page - Renesas Technology Corp RJH60M2DPE Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJH60M2DPE
Preliminary
R07DS0531EJ0100 Rev.1.00
Page 2 of 3
Aug 30, 2011
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage collector current
/ diode reverse current
ICES / IR
—
—
5
A
VCE = 600 V, VGE = 0
Gate to emitter leak current
IGES
—
—
±1
A
VGE = ±30 V, VCE = 0
Gate to emitter cutoff voltage
VGE(off)
5
—
7
V
VCE = 10 V, IC = 1 mA
VCE(sat)
—
1.9
2.5
V
IC = 12 A, VGE = 15 V
Note3
Collector to emitter saturation voltage
VCE(sat)
—
2.3
—
V
IC = 25 A, VGE = 15 V
Note3
Input capacitance
Cies
—
430
—
pF
Output capacitance
Coes
—
40
—
pF
Reverse transfer capacitance
Cres
—
15
—
pF
VCE = 25 V
VGE = 0
f = 1 MHz
Total gate charge
Qg
—
19
—
nC
Gate to emitter charge
Qge
—
4
—
nC
Gate to collector charge
Qgc
—
8
—
nC
VGE = 15 V
VCE = 300 V
IC = 12 A
td(on)
—
30
—
ns
tr
—
15
—
ns
td(off)
—
90
—
ns
Switching time
tf
—
80
—
ns
VCC = 300 V, VGE = 15 V
IC = 12 A
Rg = 5

Inductive load
Short circuit withstand time
tsc
6
8
—
s
Tc = 100
C
VCC  360 V, VGE = 15 V
FRD forward voltage
VF
—
1.2
1.6
V
IF = 12 A
Note3
FRD reverse recovery time
trr
—
100
—
ns
IF = 12 A
diF/dt = 100 A/s
Notes: 3. Pulse test.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com