Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTPB4A60SW Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WTPB4A60SW
Description  Bi-Directional Triode Thyristor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WTPB4A60SW Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WTPB4A60SW Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WTPB4A60SW Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WTPB4A60SW Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WTPB4A60SW Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WTPB4A60SW Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WTPB4A60SW
WTPB4A60SW
WTPB4A60SW
WTPB4A60SW
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
Bi-Directional
Bi-Directional
Bi-Directional
Bi-Directional T
T
T
Trio
rio
rio
riode
de
de
de Thyrist
Thyrist
Thyrist
Thyristo
o
o
orrrr
Features
◆ Repetitive Peak Off-State Voltage : 600V
◆ R.M.S On-State Current ( IT(RMS)= 4 A )
◆ Low On-State Voltage (1.6V(Typ.) @ I
TM)
◆ High Commutation dv/dt
General Description
Standard gate triggering Triac is suitable for direct coupling to
TTL, HTL, CMOS and application such as various logic
functions, low power AC switching applications, such as fan
speed, small light controllers and home appliance equipment.
Absolute Maximum Ratings (T
J=
25°C unless otherwise specified)
Symbol
Parameter
Condition
Ratings Units
V
DRM/VRRM
Repetitive Peak Off-State Voltage
600
V
I
T(RMS)
R.M.S On-State Current
T
J
= 110 °C
4.0
A
I
TSM
Surge On-State Current
One cycle, Peak value, non-
repetitive full cycle
50Hz
30
A
60Hz
31
2
I t
I2t
5.1
A2s
P
GM
Peak Gate Power Dissipation
5
W
P
G(AV)
Average Gate Power Dissipation
T
J
= 125 °C
1
W
I
GM
Peak Gate Current
T
J
= 125 °C
4.0
A
V
GM
Peak Gate Voltage
7.0
V
T
J
Operating Junction Temperature
-40~+150
℃
T
STG
Storage Temperature
-40~+150
℃
Thermal Characteristics
Symbol
Parameter
Value
Units
RθJc
Thermal Resistance Junction to Case(DC)
2.6
℃/W
RθJA
Thermal Resistance Junction to Ambient(DC)
60
℃/W
Jan 2009. Rev. 0
T02-1


Similar Part No. - WTPB4A60SW

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WTPB12A60BW WINSEMI-WTPB12A60BW Datasheet
441Kb / 6P
Sensitive Gate Bi-Directional Triode Thyristor
WTPB12A60CW WINSEMI-WTPB12A60CW Datasheet
441Kb / 6P
Sensitive Gate Bi-Directional Triode Thyristor
WTPB16A60SW WINSEMI-WTPB16A60SW Datasheet
412Kb / 6P
Sensitive Gate Bi-Directional Triode Thyristor
WTPB8A60CW WINSEMI-WTPB8A60CW Datasheet
388Kb / 5P
Bi-Directional Triode Thyristor
WTPB8A60TW WINSEMI-WTPB8A60TW Datasheet
378Kb / 5P
Bi-Directional Triode Thyristor
More results

Similar Description - WTPB4A60SW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
BI- DIRECTIONAL TRIODE THYRISTOR
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
Bi-Directional Triode Thyristor
logo
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
Bi-Directional Triode Thyristor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
Bi-Directional Triode Thyristor
BTA08-600B SEMIWELL-BTA08-600B Datasheet
660Kb / 6P
Bi-Directional Triode Thyristor
BTA12-600B SEMIWELL-BTA12-600B Datasheet
643Kb / 6P
Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
Bi-Directional Triode Thyristor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com