Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJH60M2DPP-M0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJH60M2DPP-M0
Description  600 V - 12 A - IGBT Application: Inverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60M2DPP-M0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJH60M2DPP-M0 Datasheet HTML 1Page - Renesas Technology Corp RJH60M2DPP-M0 Datasheet HTML 2Page - Renesas Technology Corp RJH60M2DPP-M0 Datasheet HTML 3Page - Renesas Technology Corp RJH60M2DPP-M0 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R07DS0530EJ0100 Rev.1.00
Page 1 of 3
Sep 02, 2011
Preliminary Datasheet
RJH60M2DPP-M0
600 V - 12 A - IGBT
Application: Inverter
Features
 Short circuit withstand time (8 s typ.)
 Low collector to emitter saturation voltage
VCE(sat) = 1.9 V typ. (at IC = 12 A, VGE = 15 V, Ta = 25°C)
 Built in fast recovery diode (100 ns typ.) in one package
 Trench gate and thin wafer technology
 High speed switching
tf = 80 ns typ. (at VCC = 300 V, VGE = 15 V, IC = 12 A, Rg = 5 , Ta = 25°C, inductive load)
Outline
RENESAS Package code: PRSS0003AF-A
(Package name: TO-220FL)
1
2
3
1. Gate
2. Collector
3. Emitter
C
G
E
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to emitter voltage / diode reverse voltage
VCES / VR
600
V
Gate to emitter voltage
VGES
±30
V
Tc = 25°C
IC
25
A
Collector current
Tc = 100°C
IC
12
A
Collector peak current
ic(peak)
Note1
50
A
Collector to emitter diode forward current
iDF
12
A
Collector to emitter diode forward peak current
iDF(peak)
Note1
50
A
Collector dissipation
PC
Note2
27.2
W
Junction to case thermal resistance (IGBT)
j-c Note2
4.6
°C/ W
Junction to case thermal resistance (Diode)
j-cd Note2
6.3
°C/ W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
 10 s, duty cycle  1%
2. Value at Tc = 25
C
R07DS0530EJ0100
Rev.1.00
Sep 02, 2011


Similar Part No. - RJH60M2DPP-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60M2DPP-M0 RENESAS-RJH60M2DPP-M0_15 Datasheet
104Kb / 10P
600V - 12A - IGBT Application: Inverter
More results

Similar Description - RJH60M2DPP-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D0DPQ-A0 RENESAS-RJH60D0DPQ-A0 Datasheet
91Kb / 8P
600 V - 22 A - IGBT Application: Inverter
RJH60D7ADPK RENESAS-RJH60D7ADPK Datasheet
93Kb / 8P
600 V - 50 A - IGBT Application: Inverter
RJH60M1DPE RENESAS-RJH60M1DPE Datasheet
59Kb / 4P
600 V - 8 A - IGBT Application: Inverter
RJH60M1DPP-M0 RENESAS-RJH60M1DPP-M0 Datasheet
60Kb / 4P
600 V - 8 A - IGBT Application: Inverter
RJH60M2DPE RENESAS-RJH60M2DPE Datasheet
59Kb / 4P
600 V - 12 A - IGBT Application: Inverter
RJH60M3DPP-M0 RENESAS-RJH60M3DPP-M0 Datasheet
60Kb / 4P
600 V - 17 A - IGBT Application: Inverter
RJH60M3DPQ-A0 RENESAS-RJH60M3DPQ-A0 Datasheet
59Kb / 4P
600 V - 17 A - IGBT Application: Inverter
RJH60M5DPQ-A0 RENESAS-RJH60M5DPQ-A0 Datasheet
59Kb / 4P
600 V - 37 A - IGBT Application: Inverter
RJH60M6DPQ-A0 RENESAS-RJH60M6DPQ-A0 Datasheet
59Kb / 4P
600 V - 40 A - IGBT Application: Inverter
RJH60M7DPQ-A0 RENESAS-RJH60M7DPQ-A0 Datasheet
59Kb / 4P
600 V - 50 A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com