Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK0328DPB-01 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJK0328DPB-01
Description  Silicon N Channel Power MOS FET Power Switching
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0328DPB-01 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJK0328DPB-01 Datasheet HTML 1Page - Renesas Technology Corp RJK0328DPB-01 Datasheet HTML 2Page - Renesas Technology Corp RJK0328DPB-01 Datasheet HTML 3Page - Renesas Technology Corp RJK0328DPB-01 Datasheet HTML 4Page - Renesas Technology Corp RJK0328DPB-01 Datasheet HTML 5Page - Renesas Technology Corp RJK0328DPB-01 Datasheet HTML 6Page - Renesas Technology Corp RJK0328DPB-01 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJK0328DPB-01
Preliminary
R07DS0264EJ0500 Rev.5.00
Page 5 of 6
Mar 01, 2011
D. U. T
Rg
IAP
Monitor
VDS
Monitor
VDD
50
Ω
Vin
15 V
0
ID
VDS
IAP
V(BR)DSS
L
VDD
EAR =
L
• I
AP
2
•
2
1
VDSS
VDSS – VDD
Avalanche Test Circuit
Avalanche Waveform
Pulse Width PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
3
1
0.3
0.1
0.03
0.01
1 m
10 m
100 m
1
10
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
puls
e
10
μ
100
μ
Tc = 25°C
PDM
PW
T
D =
PW
T
θch – c (t) = γ s (t) • θch – c
θch – c = 1.92°C/W, Tc = 25°C
Vin Monitor
D.U.T.
Vin
10 V
RL
VDS
= 10 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
90%
10%
tf
Switching Time Test Circuit
Switching Time Waveform
Rg



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com