Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJM0404JSC Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJM0404JSC
Description  Silicon N/P Channel Power MOS FET (6 in 1 Type) High Speed Power Switching
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJM0404JSC Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJM0404JSC Datasheet HTML 1Page - Renesas Technology Corp RJM0404JSC Datasheet HTML 2Page - Renesas Technology Corp RJM0404JSC Datasheet HTML 3Page - Renesas Technology Corp RJM0404JSC Datasheet HTML 4Page - Renesas Technology Corp RJM0404JSC Datasheet HTML 5Page - Renesas Technology Corp RJM0404JSC Datasheet HTML 6Page - Renesas Technology Corp RJM0404JSC Datasheet HTML 7Page - Renesas Technology Corp RJM0404JSC Datasheet HTML 8Page - Renesas Technology Corp RJM0404JSC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RJM0404JSC
Preliminary
R07DS0338EJ0500 Rev.5.00
Page 3 of 11
May 11, 2011
Electrical Characteristics
 MOS1, MOS2, MOS3 (N Channel)
(Ta = 25
C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage drain current
IDSS
—
—
10
A
VDS = 40 V, VGS = 0
Gate to source leak current
IGSS
—
—
10
A
VGS = +20 / –5 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
1.0
—
2.5
V
VDS = 10 V, ID = 1 mA
—
17
21
m
ID = 10 A, VGS = 10 V
Note5
Static drain to source on state
resistance
RDS(on)
—
24
34
m
ID = 10 A, VGS = 4.5 V
Note5
Input capacitance
Ciss
—
1400
—
pF
Output capacitance
Coss
—
230
—
pF
Reverse transfer capacitance
Crss
—
100
—
pF
VDS = 10V, VGS = 0,
f = 1 MHz
Total gate charge
Qg
—
23
—
nC
Gate to source charge
Qgs
—
3
—
nC
Gate to drain charge
Qgd
—
4
—
nC
VDD = 25 V, VGS = 10 V,
ID = 20 A
Turn-on delay time
td(on)
—
15
—
ns
Rise time
tr
—
35
—
ns
Turn-off delay time
td(off)
—
50
—
ns
Fall time
tf
—
8
—
ns
VGS = 10 V, ID = 10 A,
VDD  20 V,RL = 2 ,
RG = 4.7 
Body-drain diode forward voltage
VDF
—
0.92
1.2
V
IF = 20 A, VGS = 0
Note5
Body-drain diode reverse recovery
time
trr
—
20
—
ns
IF = 20 A, VGS = 0
diF/dt = 50 A/s
Note:
5. Pulse test
 MOS4, MOS5, MOS6 (P Channel)
(Ta = 25
C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Zero gate voltage drain current
IDSS
—
—
–10
A
VDS = –40 V, VGS = 0
Gate to source leak current
IGSS
—
—
10
A
VGS = –20 / +5 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
–1.0
—
–2.5
V
VDS = –10 V, ID = –1 mA
—
34
42
m
ID = –10 A, VGS = –10 V
Note6
Static drain to source on state
resistance
RDS(on)
—
48
68
m
ID = –10 A, VGS = –4.5 V
Note6
Input capacitance
Ciss
—
1500
—
pF
Output capacitance
Coss
—
230
—
pF
Reverse transfer capacitance
Crss
—
140
—
pF
VDS = –10 V, VGS = 0,
f = 1 MHz
Total gate charge
Qg
—
25
—
nC
Gate to source charge
Qgs
—
5
—
nC
Gate to drain charge
Qgd
—
4
—
nC
VDD = –25 V, VGS = –10 V,
ID = –20 A
Turn-on delay time
td(on)
—
30
—
ns
Rise time
tr
—
55
—
ns
Turn-off delay time
td(off)
—
50
—
ns
Fall time
tf
—
20
—
ns
VGS = –10 V, ID= –10 A,
VDD  –20 V, RL =2 ,
RG = 4.7 
Body-drain diode forward voltage
VDF
—
–0.97
–1.26
V
IF = –20 A, VGS = 0
Note6
Body-drain diode reverse recovery
time
trr
—
30
—
ns
IF = –20 A, VGS = 0
diF/dt = 50 A/s
Note:
6. Pulse test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com