Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89876L_0708 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY89876L_0708
Description  3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89876L_0708 Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY89876L_0708 Datasheet HTML 1Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 2Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 3Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 4Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 5Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 6Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 7Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 8Page - Micrel Semiconductor SY89876L_0708 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Precision Edge®
SY89876L
Micrel, Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
V
CC = 3.3V ±10%; TA = –40°C to +85°C; Unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IH
Input HIGH Voltage
2.0
V
V
IL
Input LOW Voltage
0.8
V
I
IH
Input HIGH Current
–125
20
µA
I
IL
Input LOW Current
–300
µA
Note 1.
The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
Note 2.
Specification for packaged product only.
LVTTL/CMOS DC ELECTRICAL CHARACTERISTICS(Notes 1, 2)
V
CC = 3.3V ±10%; RL = 100ý across the outputs; TA = –40°C to +85°C; Unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OUT
Output Voltage Swing
Note 3, 4
250
350
400
mV
V
OH
Output High Voltage
Note 3
1.475
V
V
OL
Output Low Voltage
Note 3
0.925
V
V
OCM
Output Common Mode Voltage
Note 4
1.125
1.375
V
∆V
OCM
Change in Common Mode Voltage
–50
50
mV
Note 1.
The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
Note 2.
Specification for packaged product only.
Note 3.
Measured as per Figure 3a, 100ý across Q and /Q outputs.
Note 4.
Measured as per Figure 3b.
LVDS DC ELECTRICAL CHARACTERISTICS(Notes 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com