Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89875U_0708 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89875U_0708
Description  2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89875U_0708 Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89875U_0708 Datasheet HTML 1Page - Micrel Semiconductor SY89875U_0708 Datasheet HTML 2Page - Micrel Semiconductor SY89875U_0708 Datasheet HTML 3Page - Micrel Semiconductor SY89875U_0708 Datasheet HTML 4Page - Micrel Semiconductor SY89875U_0708 Datasheet HTML 5Page - Micrel Semiconductor SY89875U_0708 Datasheet HTML 6Page - Micrel Semiconductor SY89875U_0708 Datasheet HTML 7Page - Micrel Semiconductor SY89875U_0708 Datasheet HTML 8Page - Micrel Semiconductor SY89875U_0708 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Precision Edge®
SY89875U
Micrel, Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Pin Number
Pin Name
Pin Function
12, 9
IN, /IN
Differential Input: Internal 50ý termination resistors to V
T input. Flexible input accepts any
differential input. See “Input Interface Applications” section.
1, 2, 3, 4
Q0, /Q0
Differential Buffered LVDS Outputs: Divided by 1, 2, 4, 8 or 16. See “Truth Table.”
Q1, /Q1
Unused output pairs must be terminated with 100ý across the different pair.
16, 15, 5
S0, S1, S2
Select Pins: See “Truth Table.” LVTTL/CMOS logic levels. Internal 25ký pull-up resistor.
Logic HIGH if left unconnected (divided by 16 mode.) Input threshold is V
CC/2.
6
NC
No Connect.
8
/RESET,
LVTTL/CMOS Logic Levels: Internal 25ký pull-up resistor. Logic HIGH if left unconnected.
/DISABLE
Apply LOW to reset the divider (divided by 2, 4, 8 or 16 mode). Also acts as a disable/enable
function. The reset and disable function occurs on the next high-to-low clock input transition.
Input threshold is V
CC/2.
10
VREF-AC
Reference Voltage: Equal to V
CC–1.4V (approx.). Used for AC-coupled applications only.
Decouple the V
REF–AC pin with a 0.01µF capacitor. See “Input Interface Applications” section.
11
VT
Termination Center-Tap: For CML or LVDS inputs, leave this pin floating. Otherwise, See
Figures 4a to 4f, “Input Interface Applications” section.
7, 14
VCC
Positive Power Supply: Bypass with 0.1µF//0.01µF low ESR capacitor.
13
GND
Ground. Exposed pad must be connected to the same potential as the GND pin.
Exposed
PIN DESCRIPTION
13
14
15
16
12
11
10
9
1
2
3
4
8
7
6
5
Q0
/Q0
Q1
/Q1
IN
VT
VREF-AC
/IN
16-Pin MLF® (MLF-16)
/RESET(1)
S2
S1
S0
Outputs
1
0
X
X
Reference Clock (pass through)
1
1
0
0
Reference Clock ÷2
1
1
0
1
Reference Clock ÷4
1
1
1
0
Reference Clock ÷8
1
1
1
1
Reference Clock ÷16
0(1)
X
X
X
Q = LOW, /Q = HIGH
Clock Disable
Note 1.
Reset/Disable function is asserted on the next clock input
(IN, /IN) high-to-low transition.
TRUTH TABLE
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89875UMI
MLF-16
Industrial
875U
Sn-Pb
SY89875UMITR(2)
MLF-16
Industrial
875U
Sn-Pb
SY89875UMG(3)
MLF-16
Industrial
875U with
NiPdAu
Pb-Free bar line indicator
Pb-Free
SY89875UMGTR(2, 3)
MLF-16
Industrial
875U with
NiPdAu
Pb-Free bar line indicator
Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com