Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY88923KCTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88923KCTR
Description  2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88923KCTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88923KCTR Datasheet HTML 1Page - Micrel Semiconductor SY88923KCTR Datasheet HTML 2Page - Micrel Semiconductor SY88923KCTR Datasheet HTML 3Page - Micrel Semiconductor SY88923KCTR Datasheet HTML 4Page - Micrel Semiconductor SY88923KCTR Datasheet HTML 5Page - Micrel Semiconductor SY88923KCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SY88923
Micrel, Inc.
M9999-061907
hbwhelp@micrel.com or (408) 955-1690
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
ICC
Power Supply Current(1)
—35
—
35
—
2135
—
35
mA
IIL
/EN Input LOW Current
–0.3(8)
—
–0.3(8)
—
–0.3(8)
——
–0.3(8)
—mA
IIH
/EN Input HIGH Current
—20(5)
—20(5)
——
20(5)
—20(5)
µA
—
100(6)
—
100(6)
——
100(6)
—
100(6)
VCMR
Common Mode Range
GND +2.0
VCC –1.0 GND +2.0 VCC –1.0 GND +2.0
—VCC –1.0 GND +2.0 VCC –1.0
V
Voffset
Differential Output Offset
—
±100
—
±100
—
—
±100
—
±100
mV
LOSLVL
LOSLVL Level(2)
VREF
VCC
VREF
VCC
VREF
—VCC
VREF
VCC
V
VOL
LOS Output Low Level(3)
—
0.5
—
0.5
—
—
0.5
—
0.5
V
IOH
LOS Output Leakage(4)
—
250
—
250
—
—
250
—
250
uA
VOH
DOUT and /DOUT
VCC–1085
VCC–880 VCC–1025 VCC–880 VCC–1025 VCC–955
VCC–880
VCC–1025
VCC–880
mV
HIGH Output
VOL
DOUT and /DOUT
VCC–1830 VCC–1555 VCC–1810 VCC–1620 VCC–1810 VCC–1705 VCC–1620 VCC–1810 VCC–1620
mV
LOW Output
VREF
Reference Supply(7)
VCC–2.625 VCC–2.325 VCC–2.625 VCC–2.325 VCC–2.625 VCC–2.475 VCC–2.325 VCC–2.625 VCC–2.325
V
VIH
/EN Input HIGH Voltage
2.0
—
2.0
—
2.0
—
—
2.0
—
V
VIL
/EN Input LOW Voltage
—
0.8
—
0.8
—
—
0.8
—
0.8
V
Notes:
1. No output load.
2. 223-1 pattern.
3. IOL = + 2mA.
4. VOH = 5.5V.
DC ELECTRICAL CHARACTERISTICS
VCC = +5V ±10%, RLOAD = 50Ω to VCC-2V, TA = –40°C to +85°C
5. VIN = 2.7.
6. VIN =VCC.
7. IREF must be limited within –0.8mA (source) and 0.4mA (sink).
8. VIN = 0.5V.
TA = –40
°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Conditions
PSRR
Power Supply(1)
——
——
—35
———
dB
Input referred,
Rejection Ratio
55MHz
VID
Input Voltage Range
5
1800
5
1800
5
—
1800
5
1800 mVp-p
tr, tf
Output Rise/Fall Time
—
175
—
175
—
—
175
—
175
ps
VID > 100mVp-p
——
—
—
—
trin,tfin
———
VID < 100mVp-p
VOD
Differential Output
—
—
—
—
—
600
—
—
—
mV
VID = 15mVp-p
Voltage Swing(2)
——
—
—
—
200
———
mV
VID = 5mVp-p
tOFFL
LOS Release Time(3)
—
0.5
—
0.5
—
0.1
0.5
—
0.5
µs
Minimum Input
tOFFH
LOS Release Time(4)
—
0.5
—
0.5
—
0.1
0.5
—
0.5
µs
Maximum Input
tONL
LOS Assert Time(3)
—
0.5
—
0.5
—
0.2
0.5
—
0.5
µs
VSR
LOS Sensitivity Range
5
50
5
50
5
—
50
5
50
mVp-p
223-1 pattern
HYS
LOS Hysteresis
2
8
2
8
2
4.6
8
2
8
dB
AC ELECTRICAL CHARACTERISTICS
VCC = +5V ±10%, RLOAD = 50Ω to VCC - 2V, TA = –40°C to +85°C
3. Input is a 200MHz square wave, tr < 300ps, 8mVp-p.
4. Input is a 200MHz square wave, tr < 300ps, 1.8Vp-p.
Notes:
1. Input referred noise = RMS output noise/low frequency gain.
2. Input is a 622MHz square wave.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com