Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC74 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC74
Description  TXRX_982_R1 Evaluation Board
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC74 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC74 Datasheet HTML 1Page - Micrel Semiconductor MIC74 Datasheet HTML 2Page - Micrel Semiconductor MIC74 Datasheet HTML 3Page - Micrel Semiconductor MIC74 Datasheet HTML 4Page - Micrel Semiconductor MIC74 Datasheet HTML 5Page - Micrel Semiconductor MIC74 Datasheet HTML 6Page - Micrel Semiconductor MIC74 Datasheet HTML 7Page - Micrel Semiconductor MIC74 Datasheet HTML 8Page - Micrel Semiconductor MIC74 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel
TXRX_982_R1 Evaluation Board
September 2004
M9999-092304
hbwhelp@micrel.com or (408) 955-1690
3
Set-Up and Operation
Follow the step-by-step procedure to set-up the board
safely and properly:
1. Connect the on board DB-25 connector to the
parallel port of a computer.
2. Connect the differential input of the laser
driver to DATA output of the pattern generator.
3. Use a multimode fiber jumper, with
appropriate connectors to connect optical
output of the VCSEL to a VOA (variable
optical attenuator) preset to 0dB attenuation.
4. Connect the output of the VOA to the optical
input of the DCA, power-meter, or optical to
electrical converter.
5. Pre-adjust the power supply to 3.3V and turn it
off. Connect TP3 to VCC (3.3V) and TP5 to
GND, then turn the power supply ON. The
total current drawn from the power supply
should be less than 300mA.
6. Launch the MIC3000/1 software. The
MIC3001 Optical Transceiver Management
IC panel opens with Panels and Help grayed
out and only Utilities can be run.
7. Refer to MIC3000/1 Software User’s Guide for
the detailed settings.
8. On the main window select Utilities to open
the utilities panel, then select SCAN to read
the address of the MIC3001 and GET to read
the manufacturer ID, Device ID, and Die
Revision. If there is a failure in reading one of
these parameters, you cannot proceed further.
If all the parameters are read correctly, close
the Utilities window to return to the main
window where Panels and Help are no longer
grayed out.
9. Select Panels to display the list of setting
panels.
10. All the bits displayed on the panels can be
read and/or modified on the panels or by
accessing the registers directly by selecting
ALL REGISTERS, enter the serial address,
the register address, select GET to read the
content or type a value and select SET NEW
to write. In this procedure the bits are set on
the panels.
11. Select OEM CONFIG 0-2 to open the OEM
configuration registers 0, 1, and 2 windows.
12. In OEM Configuration Register 0 window,
set ENABLE/DISABLE to DISABLE, VMOD
REFERENCE to GND, and temperature
zone to INTERNAL.
13. In OEM Configuration Register 1 window:
a. Set APC OP-AMP TYPE to COMMON
EMITTER.
Note: Set the selection bit to 0, 0 should correspond
to EMITTER FOLLOWER, which should be displayed
on the bottom and COMMON EMITTER on the top.
b. Select the voltage to report in
VINH:VINL.
c.
Set Feedback voltage source to 1.22V.
d. Set FEEDBACK BIAS REF and RES
TERMINATION to GND and VBIAS
DRIVE to SOURCE (NPN). Set
INTERNAL FEEDBACK RESISTOR to
an arbitrary value (1.6K for example).
e. Set FEEDBACK BIAS REF and RES
TERMINATION to GND and VBIAS
DRIVE to SOURCE (NPN).
f.
Set INTERNAL FEEDBACK
RESISTOR to arbitrary value (1.6K for
example).
14. In OEM Configuration Register 2, the
MIC3001 address and look-up table offset can
be modified. The look-up table covers 128°C.
The temperature range for offset = 0 is 0° to
+127°C.) This range can be shifted down by
2x the value. The offset is set to. If offset = 15,
the temperature range becomes –30° to
+97°C.
15. In OEM Configuration Register 0 window,
set ENABLE/DISABLE to ENABLE.
16. On Panels list select OEM CONFIG 3-4 and
select EXTERNAL CALIBRATION (default
setting), LOS COMPARATOR ENABLE,
SHDN, RXLUT INPUT TEMPERATURE, and
RSOUT. If needed, later set ISTART to a
different value to speed up the APC loop
during laser turn ON after a FAULT
occurrence. Close the window to return to
main window.
17. On Panels list, select External Calibration.
Set all the offsets to 0 and slopes to 1. Set
RX_PWR(1) to 1. These parameters might
need to be changed later to correct the
measured values (calibration). Return to the
main window.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com