Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100S341 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100S341
Description  8-BIT SHIFT REGISTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S341 Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100S341_07 Datasheet HTML 1Page - Micrel Semiconductor SY100S341_07 Datasheet HTML 2Page - Micrel Semiconductor SY100S341_07 Datasheet HTML 3Page - Micrel Semiconductor SY100S341_07 Datasheet HTML 4Page - Micrel Semiconductor SY100S341_07 Datasheet HTML 5Page - Micrel Semiconductor SY100S341_07 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SY100S341
Micrel, Inc.
M9999-042307
hbwhelp@micrel.com or (408) 955-1690
TRUTH TABLE
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don't Care
u = LOW-to-HIGH Transition
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
Inputs
Outputs
Function
D7
D0
S1
S0
CP
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Load Register
X
X
L
L
u
P7
P6
P5
P4
P3
P2
P1
P0
Shift Left
X
L
L
H
u
Q6
Q5
Q4
Q3
Q2
Q1
Q0
L
Shift Left
X
H
L
H
u
Q6
Q5
Q4
Q3
Q2
Q1
Q0
H
Shift Right
L
X
H
L
u
L
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Shift Right
H
X
H
L
u
H
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Hold
X
X
H
H
X
No Change
Hold
XXXX
H
Hold
XXXX
L
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current, All Inputs
——
200
µAVIN = VIH (Max.)
IEE
Power Supply Current
–150
–102
–71
mA
Inputs Open
AC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified; VCC = VCCA = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
fshift
Shift Frequency
600
—
600
—
600
—
MHz
tPLH
Propagation Delay
450
1200
450
1200
450
1200
ps
tPHL
CP to Output
tTLH
Transition Time
300
900
300
900
300
900
ps
tTHL
20% to 80%, 80% to 20%
tS
Set-up Time
ps
Dn, Pn
300
—
300
—
300
—
Sn
600
—
600
—
600
—
tH
Hold Time
ps
Dn, Pn
300
—
300
—
300
—
Sn
0
—
0
—
0
—
tpw (H)
Pulse Width HIGH, CP
—
600
—
600
—
600
ps



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com