Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY100S321JC Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100S321JC
Description  LOW-POWER 9-BIT INVERTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S321JC Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100S321JC Datasheet HTML 1Page - Micrel Semiconductor SY100S321JC Datasheet HTML 2Page - Micrel Semiconductor SY100S321JC Datasheet HTML 3Page - Micrel Semiconductor SY100S321JC Datasheet HTML 4Page - Micrel Semiconductor SY100S321JC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
SY100S321
Micrel, Inc.
M9999-042307
hbwhelp@micrel.com or (408) 955-1690
PULSE
GENERATOR
SCOPE
CHAN B
CIRCUIT
UNDER
TEST
SCOPE
CHAN A
RT
RT
L1
L2
VCC
0.1
µF
VEE
0.1
µF
Figure 1. AC Test Circuit
TEST CIRCUITRY(1)
Figure 2. Propagation Delay and Transition Times
SWITCHING WAVEFORMS
Note:
1. VCC, VCCA = +2V, VEE = –2.5V.
L1 and L2 = equal length 50
Ω impedance lines.
RT = 50
Ω terminator internal to scope.
Decoupling 0.1
µF from GND to VCC and VEE.
All unused outputs are loaded with 50
Ω to GND.
CL = Fixture and stray capacitance
≤ 3pF.
INPUT
tPLH
tPHL
tTLH
tTHL
OUTPUT
20%
50%
80%
20%
50%
80%
0.7 ± 0.1ns
0.7 ± 0.1ns
–0.95V
–1.69V
Note:
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com