Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99 Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # BAV99
Description  Dual Series Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BAV99 Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  BAV99 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BAV99 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BAV99 Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAV99
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (I
F ) of 10mA.
Notes: 2. Input pulse is adjusted so I
R(peak) is equal to 10mA.
Notes: 3. t
p » t rr
Figure 1. Recovery Time Equivalent Test Circuit
100
10
1.0
0.1
0.2
0.4
0.6
0.8
1.0
1.2
T
A = 150°C
T
A = 125°C
T
A = 85°C
T
A = 25°C
010
20
30
40
50
10
1.0
0.1
0.01
0.001
02
4
6
8
0.68
0.64
0.60
0.56
0.52
V
F , FORWARD VOLTAGE (VOLTS)
Figure 2. Forward Voltage
V
R , REVERSE VOLTAGE (VOLTS)
Figure 3. Leakage Current
V
R , REVERSE VOLTAGE (VOLTS)
Figure 4. Capacitance
T
A = 85°C
T
A = 25°C
T
A = – 40°C
T
A = 55°C
CURVES APPLICABLE TO EACH DIODE
+10 V
2.0 k
820
Ω
100
µH
0.1
µF
D.U.T.
0.1
µF
50
Ω OUTPUT
PULSE
GENERATOR
t
r
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
t
p
t
10%
90%
I
F
I
R
t
rr
t
i
R(REC) = 1.0 mA
OUTPUT PULSE
(I
F = I R = 10 mA; MEASURED
at i
R(REC) = 1.0 mA)
INPUT SIGNAL
I
F
V
R
WILLAS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com