Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT2 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MCT2
Description  6-Pin DIP Optoisolators Transistor Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCT2 Datasheet(HTML) 3 Page - Motorola, Inc

  MCT2 Datasheet HTML 1Page - Motorola, Inc MCT2 Datasheet HTML 2Page - Motorola, Inc MCT2 Datasheet HTML 3Page - Motorola, Inc MCT2 Datasheet HTML 4Page - Motorola, Inc MCT2 Datasheet HTML 5Page - Motorola, Inc MCT2 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MCT2 MCT2E
3
Motorola Optoelectronics Device Data
TYPICAL CHARACTERISTICS
Figure 1. LED Forward Voltage versus Forward Current
2
1.8
1.6
1.4
1.2
1
1
10
100
1000
10
1
0.1
0.01
0.5
1
IF, LED FORWARD CURRENT (mA)
2
5
10
20
50
IF, LED INPUT CURRENT (mA)
25
°C
100
°C
TA = –55°C
NORMALIZED TO:
IF = 10 mA
Figure 2. Output Current versus Input Current
PULSE ONLY
PULSE OR DC
10
7
5
2
1
0.7
0.5
0.2
0.1
–60
–40
–20
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
1
10
100
0.1
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (°C)
100
50
20
10
5
2
1
0.1
0.2
0.5
1
2
5
10
20
50
100
IF, LED INPUT CURRENT (mA)
NORMALIZED TO:
VCE = 10 V
TA = 25°C
VCE = 30 V
10 V
tf
tr
tr
tf
IF = 10 mA
0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
4
8
12
16
20
24
28
5 mA
2 mA
1 mA
0
1
2
3
4
5
6
7
8
9
10
Figure 3. Collector Current versus
Collector–Emitter Voltage
Figure 4. Output Current versus Ambient Temperature
Figure 5. Dark Current versus Ambient Temperature
Figure 6. Rise and Fall Times
(Typical Values)
RL = 100
{
RL = 1000
{
NORMALIZED TO TA = 25°C
VCC = 10 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com