Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF610Z Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MICRF610Z
Description  868-870MHz ISM Band Transceiver Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF610Z Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MICRF610Z Datasheet HTML 12Page - Micrel Semiconductor MICRF610Z Datasheet HTML 13Page - Micrel Semiconductor MICRF610Z Datasheet HTML 14Page - Micrel Semiconductor MICRF610Z Datasheet HTML 15Page - Micrel Semiconductor MICRF610Z Datasheet HTML 16Page - Micrel Semiconductor MICRF610Z Datasheet HTML 17Page - Micrel Semiconductor MICRF610Z Datasheet HTML 18Page - Micrel Semiconductor MICRF610Z Datasheet HTML 19Page - Micrel Semiconductor MICRF610Z Datasheet HTML 20Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Micrel, Inc.
MICRF610/MICRF610Z
July 2006
18
M9999-120205
Application Circuit Illustration
Figure 11. Circuit illustration of MICRF610, LDO and MCU
Figure 11 shows a typical set-up with the MICRF610, a
Low-Drop-Out voltage regulator (LDO)
and a mikro-
controller (MCU). When the MICRF610 and the MCU runs
on the same power supply (min 2.0, max. 2.5V), the IO
can be connected directly to the MCU. If the MCU needs a
higher VDD than the max. specified VDD of the MICRF610
(2.5V), voltage dividers need to be added on the IO lines
not to override the max. input voltage.
Figure 12 shows a recommended voltage divider circuit for
a MCU running at 3.0V and the MICRF610 at 2.5V.
3k3
18k
3k3
18k
3k3
18k
15k
MICRF6xx
MCU
CS
SCLK
IO
DATAIXO
DATACLK
LD
RSSI
CS
SCLK
IO
DATAIXO
DATACLK
LD
RSSI
Figure 12. How to connect MICRF610 (2.5V) and MCU (3.0V)
Assembling the MICRF610
Recommended Reflow Temperature Profile
When the MICRF610 module is being automatically
assembled to a PCB, care must be taken not to expose
the module for temperature above the maximum specified.
Figure 13 shows the recommended reflow temperature
profile.
Figure 13. Recommended Reflow Temperature Reflow
Shock/Vibration during Reflow
The module has several components inside which are
assembled in a reflow process. These components may
reflow again when the module is assembled onto a PCB. It
is therefore important that the module is not subjected to
any mechanical shock or vibration during this process.
Handassembling the MICRF610
It is recommended to use solder paste also during hand
assembling of the module. Because of the module ground
pad on the bottom side, the module will be assembled
most efficient if the heat is being subjected to the bottom
side of the PCB. The heat will be transferred trough the
PCB due the ground vias under the module (see Layout
Considerations). In addition, it is recommended to use a
solder tip on the signal and power pads, to make sure the
solder points are properly melted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com