Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF600Z Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MICRF600Z
Description  902-928MHz ISM Band Transceiver Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF600Z Datasheet(HTML) 1 Page - Micrel Semiconductor

  MICRF600Z Datasheet HTML 1Page - Micrel Semiconductor MICRF600Z Datasheet HTML 2Page - Micrel Semiconductor MICRF600Z Datasheet HTML 3Page - Micrel Semiconductor MICRF600Z Datasheet HTML 4Page - Micrel Semiconductor MICRF600Z Datasheet HTML 5Page - Micrel Semiconductor MICRF600Z Datasheet HTML 6Page - Micrel Semiconductor MICRF600Z Datasheet HTML 7Page - Micrel Semiconductor MICRF600Z Datasheet HTML 8Page - Micrel Semiconductor MICRF600Z Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MICRF600
902-928MHz ISM Band Transceiver
Module
RadioWire® is a trademark of Micrel, Inc
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2006
M9999-082505
General Description
The MICRF600 is a self-contained frequency shift keying (FSK)
transceiver module, intended for use in half-duplex, bidirectional
RF links. The multi-channeled FSK transceiver module is intended
for UHF radio equipment in compliance with the North American
Federal Communications Commission (FCC) part 15.247 and
249.
The transmitter consists of a fully programmable PLL frequency
synthesizer and power amplifier. The frequency synthesizer
consists of a voltage-controlled oscillator (VCO), a crystal
oscillator, dual modulus prescaler, programmable frequency
dividers, and a phase-detector. The output power of the power
amplifier can be programmed to seven levels. A lock-detect circuit
detects when the PLL is in lock.
In receive mode, the PLL synthesizer generates the local oscillator
(LO) signal. The N, M, and A values that give the LO frequency
are stored in the N0, M0, and A0 registers.
The receiver is a zero intermediate frequency (IF) type that makes
channel filtering possible with low-power, integrated low-pass
filters. The receiver consists of a low noise amplifier (LNA) that
drives a quadrature mix pair. The mixer outputs feed two identical
signal channels in phase quadrature. Each channel includes a
pre-amplifier, a third order Sallen-Key RC low-pass filter that
protects the following switched-capacitor filter from strong adjacent
channel signals, and a limiter. The main channel filter is a
switched-capacitor implementation of a six-pole elliptic low pass
filter. The cut-off frequency of the Sallen-Key RC filter can be
programmed to four different frequencies: 100kHz, 150kHz,
230kHz, and 350kHz. The I and Q channel outputs are
demodulated and produce a digital data output. The demodulator
detects the relative phase of the I and the Q channel signal. If the I
channel signal lags behind the Q channel, the FSK tone
frequency is above the LO frequency (data “1”). If the I channel
leads the Q channel, then the FSK tone is below the LO
frequency (data “0”). The output of the receiver is available on the
DataIXO pin. A receive signal strength indicator (RSSI) circuit
indicates the received signal level. All support documentation can
be found on Micrel’s web site at: www.micrel.com.
RadioWire
® Module
Features
• “Drop in” RF solution
• Small size: 11.5x14.1mm
• RF tested
• FCC Compliant
• Low Power
• Surface Mountable
• Tape & Reel
• Digital Bit Synchronizer
• Received Signal Strength Indicator (RSSI)
• RX and TX power management
• Power down function
• Register read back function
Applications
• Telemetry
• Remote metering
• Wireless controller
• Remote data repeater
• Remote control systems
• Wireless modem
• Wireless security system


Similar Part No. - MICRF600Z

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF600 MICREL-MICRF600 Datasheet
273Kb / 19P
902-928MHz ISM Band Transceiver Module
MICRF600 MICREL-MICRF600 Datasheet
292Kb / 18P
434MHz ISM Band Transceiver Module
MICRF600TR MICREL-MICRF600TR Datasheet
273Kb / 19P
902-928MHz ISM Band Transceiver Module
More results

Similar Description - MICRF600Z

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF600 MICREL-MICRF600 Datasheet
273Kb / 19P
902-928MHz ISM Band Transceiver Module
MICRF620 MICREL-MICRF620 Datasheet
292Kb / 18P
434MHz ISM Band Transceiver Module
MICRF620_0608 MICREL-MICRF620_0608 Datasheet
714Kb / 21P
434MHz ISM Band Transceiver Module
MICRF610_0608 MICREL-MICRF610_0608 Datasheet
704Kb / 20P
868-870MHz ISM Band Transceiver Module
MICRF620Z MICREL-MICRF620Z Datasheet
714Kb / 21P
434MHz ISM Band Transceiver Module
logo
List of Unclassifed Man...
RFM12B ETC2-RFM12B Datasheet
418Kb / 11P
UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
WS-GAMEBALL-ANT ETC2-WS-GAMEBALL-ANT Datasheet
173Kb / 1P
902~928MHz 2dBi RFID Antenna
WS-RFIDANTS ETC2-WS-RFIDANTS Datasheet
244Kb / 1P
902~928MHz 2dBi RFID Antenna
logo
HOPE Microelectronics C...
RFM50 HOPE-RFM50 Datasheet
244Kb / 8P
ISM Band Transceiver Module
logo
Pulse A Technitrol Comp...
W3211 PULSE-W3211 Datasheet
769Kb / 14P
902 928MHz Ceramic On Ground Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com