Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF506 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF506
Description  410MHz and 450MHz ISM Band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF506 Datasheet HTML 9Page - Micrel Semiconductor MICRF506 Datasheet HTML 10Page - Micrel Semiconductor MICRF506 Datasheet HTML 11Page - Micrel Semiconductor MICRF506 Datasheet HTML 12Page - Micrel Semiconductor MICRF506 Datasheet HTML 13Page - Micrel Semiconductor MICRF506 Datasheet HTML 14Page - Micrel Semiconductor MICRF506 Datasheet HTML 15Page - Micrel Semiconductor MICRF506 Datasheet HTML 16Page - Micrel Semiconductor MICRF506 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Micrel
MICRF506BML/YML
Values
Symbol
Parameter
Min.
Typ.
Max.
Units
Tper
Min. period of
SCLK
50
ns
Thigh
Min. high time of
SCLK
20
ns
Tlow
Min. low time of
SCLK
20
ns
tfall
Max. time of
falling edge of
SCLK
1
µs
trise
Max. time of rising
edge of SCLK
1
µs
Tcsr
Max. time of rising
edge of CS to
falling edge of
SCLK
0
ns
Tcsf
Min. delay from
rising edge of CS
to rising edge of
SCLK
5
ns
Twrite
Min. delay from
valid IO to falling
edge of SCLK
during a write
operation
0
ns
Tread
Min. delay from
rising edge of
SCLK to valid IO
during a read
operation
(assuming load
capacitance of IO
is 25pF)
75
ns
July 2006
13
M9999-092904
+1 408-944-0800
Table 6. Timing Specification for the 3-wire
Programming Interface
Power on Reset
When applying voltage to the MICRF506 a power
on reset state is entered. During the time period of
power on reset, the MICRF506 should be
considered to be in an unknown state and the user
should wait until completed (See Table 6). The
power on reset timing given in table 6 is covering all
conditions and should be treated as a maximum
delay time. In some application it might be beneficial
to minimize the power on reset time. In these cases
we recommend to follow below procedure:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com