Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF505BML Datasheet(PDF) 28 Page - Micrel Semiconductor

Part # MICRF505BML
Description  850MHz and 950MHz ISM Band Transceiver
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505BML Datasheet(HTML) 28 Page - Micrel Semiconductor

Back Button MICRF505BML Datasheet HTML 24Page - Micrel Semiconductor MICRF505BML Datasheet HTML 25Page - Micrel Semiconductor MICRF505BML Datasheet HTML 26Page - Micrel Semiconductor MICRF505BML Datasheet HTML 27Page - Micrel Semiconductor MICRF505BML Datasheet HTML 28Page - Micrel Semiconductor MICRF505BML Datasheet HTML 29Page - Micrel Semiconductor MICRF505BML Datasheet HTML 30Page - Micrel Semiconductor MICRF505BML Datasheet HTML 31Page - Micrel Semiconductor MICRF505BML Datasheet HTML 32Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Micrel
MICRF505BML/YML
October 2006
28
M9999-103106
+1 408-944-0800
The modulator filter will not influence the frequency
deviation as long as the programmed cut-off
frequency is above the actual bit rate.
The frequency deviation must be programmed so
that the modulation index (2 x single sided frequency
deviation/Baudrate [bps]) always is greater than or
equal to 2 including the total frequency offset
between the receiver and the transmitter:
fDEV = Baudrate + fOFFSET
The calculated fDEV should be used to calculate the
needed receiver bandwidth, see chapter Switched
capacitor filter.
Using the XCO-tune Bits
The RF chip has a built-in mechanism for tuning the
frequency of the crystal oscillator and is often used
in combination with the Frequency Error Estimator
(FEE). The XCO tuning is designed to eliminate or
reduce initial frequency tolerance of the crystal
and/or the frequency stability over temperature. If
the value in XCO_tune is increased (adding
capacitance), the frequency will decrease.
The XCO uses two external capacitors (see figure
5). The value of these will strongly affect the tuning
range. With a 16.0 MHz crystal (TN4-26011 from
Toyocom), and external capacitor values of 1.5 pF,
the tuning range will be approximately symmetrical
around the center frequency. A XCO_tune >16 will
decrease the frequency and vice versa (see figure
6).
A procedure for using the XCO_tune feature in
combination with the FEE is given below. The
MICRF505 measures the frequency offset between
the demodulated signal and the LO and tune the
XCO so the LO frequency is equal to received
carrier frequency.
A procedure like this can be called during production
(storing the calibrated XCO_tune value), at regular
intervals or implemented in the communication
protocol when the frequency has changed.
The FEE will count “UP”-pulses and “DOWN”-pulses
(pulses out of the demodulator when a logic “1” or
logic “0”, resp.., is received). The FEE can count
pulses for n bits, where n = 8, 16, 32 or 64.
Example: In FEE, count UP+DOWN pulses,
counting 8 bits:
A perfect case ==> FEE = 0
If FEE > 0: LO is too low, increase LO by decreasing
XCO_tune value and vice versa for FEE < 0.
FEE field holds a number in the range -128, … ,
127. However, it keeps counting above/below the
range, which is:
If FEE = -128 and still counting dwn-pulses:
1) =>-129 = +127
2) 126
3) 125
…
To avoid this situation, always make sure max count
is between limits. Suggestion: Count for 8 (or 16)
bits only.
Procedure description:
In the procedure below, UP+DWN pulses are
counted, and only the sign of the FEE is used. The
value of n is 8 or 16.
Assumption:
A transmitter is sending a 1010… pattern at the
correct frequency and bitrate.
The wanted receiver frequency is the mid-point
between the “0” and “1” frequencies.
Input:
Nothing
Output
The
best
XCO_tune
value
(giving
the
lowest IFEEI)
Local variables:
XCO_Present: (5-bit) holds present value
in XCO_tune bits
XCO_Step:
(4-bit)
holds
increment/decrement of XCO_tune bits
SCO_Sign:
(1
bit)
holds
POS
or
NEG
(increment/cerement)
increasing
LO
is
done by reducing the XCO_tune value
XCO TUNE PROCEDURE
INT:
XCO_Present = 0
XCO_Step = 32
XCO_Sign = NEG
Control_Word =
Default RX, clocks match transmitter
LOOP:
XCO_Step = XCO_Step/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com