Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF302 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF302
Description  Parallel Encoder
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF302 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF302 Datasheet HTML 1Page - Micrel Semiconductor MICRF302 Datasheet HTML 2Page - Micrel Semiconductor MICRF302 Datasheet HTML 3Page - Micrel Semiconductor MICRF302 Datasheet HTML 4Page - Micrel Semiconductor MICRF302 Datasheet HTML 5Page - Micrel Semiconductor MICRF302 Datasheet HTML 6Page - Micrel Semiconductor MICRF302 Datasheet HTML 7Page - Micrel Semiconductor MICRF302 Datasheet HTML 8Page - Micrel Semiconductor MICRF302 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Micrel, Inc.
MICRF302
March 2010
3
M9999-032610-A
Pin Configuration
10-Pin MLF
® Package
Pin Description
Pin Number
Pin Name
Pin Function
D3
1
Switch Input 3
D2
2
Switch Input 2
D1
3
Switch Input 1
D0
4
Switch Input 0
Typical applications connect D0-D3 to ground with a push-button switch. Unused
switch inputs can just be left unconnected.
D0-D3 are deglitched by the MICRF302; pulses shorter than 8 ms are rejected.
VSS
5
Negative Supply (Ground)
SEL0
6
Data rate select 0
SEL1
7
Data rate select 1
The data rate select pins must be connected to VDD or VSS, and select the data rate
as follows:
00: 600 bps
01: 1 kpbs
10: 3 kbps
11: 4.8 kbps
TXEN
8
Transmitter Enable
The active-high enable turns on a companion transmitter 40 ms before baseband data
transmission starts. This delay allows the Transmitter’s PLLs to lock.
DOUT
9
RF Baseband Data Output
Data from the MICRF302 is Manchester-coded.
VDD
10
Positive Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com