Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF002YM Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF002YM
Description  300-440MHz QwikRadio짰 ASK Receiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002YM Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF002YM Datasheet HTML 9Page - Micrel Semiconductor MICRF002YM Datasheet HTML 10Page - Micrel Semiconductor MICRF002YM Datasheet HTML 11Page - Micrel Semiconductor MICRF002YM Datasheet HTML 12Page - Micrel Semiconductor MICRF002YM Datasheet HTML 13Page - Micrel Semiconductor MICRF002YM Datasheet HTML 14Page - Micrel Semiconductor MICRF002YM Datasheet HTML 15Page - Micrel Semiconductor MICRF002YM Datasheet HTML 16Page - Micrel Semiconductor MICRF002YM Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Micrel, Inc.
MICRF002/RF022
July 2008
13
M9999-070808
CAGC Pin
VDDBB
VSSBB
675µA
67.5µA
Compa-
rator
1.5µA
15µA
Timout
CAGC
Figure 3. CAGC Pin
Figure 3 illustrates the CAGC pin interface circuit. The AGC
control voltage is developed as an integrated current into a
capacitor CAGC. The attack current is nominally 15µA, while
the decay current is a 1/10th scaling of this, nominally
1.5µA, making the attack/decay time constant ratio a fixed
10:1. Signal gain of the RF/IF strip inside the IC diminishes
as the voltage at CAGC decreases. Modification of the
attack/decay ratio is possible by adding resistance from the
CAGC pin to either VDDBB or VSSBB, as desired.
Both the push and pull current sources are disabled during
shutdown, which maintains the voltage across CAGC, and
improves recovery time in duty-cycled applications. To
further improve duty-cycle recovery, both push and pull
currents are increased by 45 times for approximately 10ms
after release of the SHUT pin. This allows rapid recovery of
any voltage droop on CAGC while in shutdown.
DO and WAKEB Pins
VDDBB
VSSBB
Compa-
rator
10µA
10µA
DO
Figure 4. DO and WAKEB Pins
The output stage for DO (digital output) and WAKEB
(wakeup output) is shown in Figure 4. The output is a 10µA
push and 10µA pull switched-current stage. This output
stage is capable of driving CMOS loads. An external buffer-
driver is recommended for driving high-capacitance loads.
REFOSC Pin
250
200k
Active
Bias
REFOSC
30pF
30pF
30µA
VDDBB
VSSBB
VSSBB
Figure 5. REFOSC Pin
The REFOSC input circuit is shown in Figure 5. Input
impedance is high (200kΩ). This is a Colpitts oscillator with
internal 30pF capacitors. This input is intended to work with
standard ceramic resonators connected from this pin to the
VSSBB pin, although a crystal may be used when greater
frequency accuracy is required. The nominal dc bias
voltage on this pin is 1.4V.
SEL0, SEL1, SWEN, and SHUT Pins
to Internal
Circuits
VDDBB
VSSBB
SEL0,
SEL1,
SWEN
Q2
Q3
Q1
VSSBB
SHUT
Q4
Figure 6a. SEL0, SEL1, SWEN Pins
to Internal
Circuits
VDDBB
VSSBB
SHUT
Q2
Q3
Q1
VSSBB
Figure 6b. SHUT Pin
Control input circuitry is shown in Figures 6a and 6b. The
standard input is a logic inverter constructed with minimum
geometry MOSFETs (Q2, Q3). P-channel MOSFET Q1 is
a large channel length device which functions essentially
as a “weak” pullup to VDDBB. Typical pull-up current is 5µA,
leading to an impedance to the VDDBB supply of typically
1MΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com