Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5821 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5821
Description  8-Bit Serial-Input Latched Drivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5821 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5821 Datasheet HTML 1Page - Micrel Semiconductor MIC5821 Datasheet HTML 2Page - Micrel Semiconductor MIC5821 Datasheet HTML 3Page - Micrel Semiconductor MIC5821 Datasheet HTML 4Page - Micrel Semiconductor MIC5821 Datasheet HTML 5Page - Micrel Semiconductor MIC5821 Datasheet HTML 6Page - Micrel Semiconductor MIC5821 Datasheet HTML 7Page - Micrel Semiconductor MIC5821 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Micrel, Inc.
MIC5821/5822
MIC5821/5822
2
February 2005
Absolute Maximum Ratings (Note 1)
at 25°C Free-Air Temperature and VSS = 0V
Output Voltage, VCE
(MIC5821)
50V
(MIC5822)
80V
Output Voltage, VCE SUS (MIC5821)(Note 3)
35V
(MIC5822)(Note 3)
50V
Logic Supply Voltage, VDD
15V
Input Voltage Range, VIN
–0.3V to VDD + 0.3V
VDD – VEE
25V
Emitter Supply Voltage, VEE
–20V
Continuous Output Current, IOUT
500mA
Package Power Dissipation, PD(Note 1)
1.67W
Operating Temperature Range, TA
–55°C to +85°C
Storage Temperature Range, TS
–65°C to +150°C
Note 1: Derate at the rate of 16.7mW/°C above TA = 25°C.
Note 2: CMOS devices have input static protection but are susceptible to
damage when exposed to extremely high static electrical
charges.
Note 3: For inductive load applications.
Note 4: Specification for packaged product only.
Maximum Allowable Duty Cycle (Plastic DIP)
Number of Outputs ON
(IOUT = 200mA
Maximum Allowable Duty Cycle at Ambient Temperature of
VDD = 12V)
25
°C40°C50°C60°C70°C
8
73%
62%
55%
47%
40%
7
83%
71%
62%
54%
46%
6
97%
82%
72%
63%
53%
5
100%
98%
87%
75%
63%
4
100%
100%
100%
93%
79%
3
100%
100%
100%
100%
100%
2
100%
100%
100%
100%
100%
1
100%
100%
100%
100%
100%
SUB
3k
7.2k
VEE
OUTN
Typical Output Driver
CLOCK
SERIAL
DATA IN
VDD
VSS
Typical Input Circuits
STROBE
OUTPUT
ENABLE
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com