Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORWHSH103DM Datasheet(PDF) 2 Page - Tyco Electronics

Part # ORWHSH103DM
Description  10 Amp Miniature Power PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ORWHSH103DM Datasheet(HTML) 2 Page - Tyco Electronics

  ORWHSH103DM Datasheet HTML 1Page - Tyco Electronics ORWHSH103DM Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
439
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
Wiring Diagram (Bottom View)
Outline Dimensions
PC Board Layout (Bottom View)
Ordering Information
Typical Part Number
B
ORWH
-SS
-1
12
D
M
,N000
1. Basic Series:
ORWH = Miniature Power PC board relay.
2. Enclosure:
SS = Vented (flux-tight)* plastic case.
SH = Sealed plastic case
3. Number of Poles:
1 = 1 pole
4. Coil Voltage:
03 = 3VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
05 = 5VDC
09 = 9VDC
24 = 24VDC
5. Coil Input:
D = Standard
6. Contact Arrangement:
Blank = 1 Form C, SPDT
M = 1 Form A, SPST-NO
7. Option:
,N000= Standard model.
Other Suffix = Custom model.
* Not suitable for immersion cleaning
.622
± .02
(15.8
± .5)
.61
± .012
(15.5
± .3)
.748
± .012
(19.0
± .3)
.157
± .008
(4.0
± .2)
TERMINAL DIMENSIONS:
COIL: 0.024 (0.6) DIA.
LOAD: 0.12 x 0.35 (0.3 x 0.9)
.48
± .004
(12.2
± .1)
5 – .05 DIA
(1.3)
.236
± .004
(6.0
± .1)
.079
± .004
(2.0
± .1)
.236
± .004
(6.0
± .1)
ORWH-SH-112DM,N000
ORWH-SH-124DM,N000
ORWH-SH-105D,N000
ORWH-SH-106D,N000
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
Note:
Only necessary terminals are
present on 1 Form A models.
ORWH-SH-109D,N000
ORWH-SH-112D,N000
ORWH-SH-124D,N000
ORWH-SH-148D,N000
ORWH-SS-112DM,N000
ORWH-SS-124DM,N000
ORWH-SS-148DM,N000
ORWH-SS-105D,N000
ORWH-SS-106D,N000
ORWH-SS-109D,N000
ORWH-SS-112D,N000
ORWH-SS-124D,N000
ORWH-SS-148D,N000
Socket
.167 MAX.
(4.25)
.270 MAX.
(6.85)
.916 MAX.
(23.35)
.660 MAX.
(16.75)
.016 TYP.
(.40)
27E1064 socket is rated 10A @ 300VAC. UL Recognized for US and
Canada. Designed to fit same suggested board layout as relay.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com