Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCDF148D1MH Datasheet(PDF) 2 Page - Tyco Electronics

Part # PCDF148D1MH
Description  15 Amp Low Profile Power PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCDF148D1MH Datasheet(HTML) 2 Page - Tyco Electronics

  PCDF148D1MH Datasheet HTML 1Page - Tyco Electronics PCDF148D1MH Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
425
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03
Reference Data
Wiring Diagrams
Outline Dimensions
Coil Temperature Rise
Operate Time
Life Expectancy
PC Board Layouts (Bottom View)
12
10
8
6
4
2
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Coil Power (W)
Release Time
Operate Time
-40 -20
Ambient Temp. (
°C)
20
0
20 40 60
80 100
40
60
80
100
120
140
160
0
180
120 140
Operating
Votage Range
Pick-Up Voltage
Cool Coil
Hot Coil Applied
Maximum
Allowable
Coil Voltage
15A
10A
10A
15A
100
Contact Current (A)
10
1
24VDC Resistive
125VAC Resistive
0
2
46
8
10 12
14
16 18
20
.402
± .02
(10.2
± .5)
.059
(1.5)
.905
± .02
(23.0
± .5)
.018
(.45)
.071
(1.8)
.118
± .008
(3.0
± .2)
.047
(1.2)
.012
(.3)
.700
± .008
(17.78
± .2)
.40
± .008
(10.16
± .2)
.138
± .012
(3.5
± .3)
.024
± .004
(.6
± .1)
.634
± .02
(16.1
± .5)
.500
± .008
(12.7
± .2)
.402
± .008
(10.2
± .2)
.248
(6.3)
.905
± .008
(23.0
± .2)
.018
(.45)
.075
(1.9)
.197
± .008
(5.0
± .2)
.047
(1.2)
.012
(.3)
.700
± .008
(17.78
± .2)
.197
± .008
(5.0
± .2)
.138
± .012
(3.5
± .3)
.98
± .008
(25.0
± .2)
.047
(1.2)
.02
(.5)
.02
(.5)
.56
± .008
(14.25
± .2)
.533
± .012
(13.55
± .3)
.807
± .012
(20.5
± .3)
.634
± .008
(16.1
± .2)
.187
(4.75)
.25
(6.35)
.153
(3.89)
.126
(3.2)
.051 DIA
(1.3)
2 — .039 DIA
(1.0)
.400
(10.16)
.059
(1.5)
.118
(3.0)
.079
(2.0)
.700
(17.78)
.236
(.6)
.500
(12.7)
.063 DIA
(1.6)
.075
(1.9)
.197
(5.0)
.039
(1.0)
.700
(17.78)
.061
(1.55)
.118
(3.0)
.56
(14.25)
.153
(3.89)
2 — .039 DIA
(1.0)
PCD
PCDF
PCD
PCDF
PCD
PCDF
Note: This data is based on the max. allowable
temperature for E type insulation coil (115
°C).
(Top View)
(Bottom View)
(Bottom View)
Ordering Information
Typical Part Number
B
PCD
-1
24
D
1
M
H
,000
1. Basic Series:
PCD = PC Board Terminals.
PCDF = Quick Connect Terminals.
2. Termination:
1 = 1 pole
3. Coil Voltage:
05 = 5VDC
09 = 9VDC
24 = 24VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
4. Coil Input:
D = Standard
5. Contact Material:
1 = AgSnO
6. Contact Arrangement:
M = 1 Form A, SPST-NO
7. Enclosure:
Blank = Vented (Flux-tight)* plastic cover
H = Sealed plastic case
8. Suffix:
,000 = PCD standard model
,S000 = PCDF standard model
Other Suffix = Custom model
* Not suitable for immersion cleaning processes.
None at present.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com