Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSASH224DM3000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # OSASH224DM3000
Description  2 Pole Miniature Power PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

OSASH224DM3000 Datasheet(HTML) 1 Page - Tyco Electronics

  OSASH224DM3000 Datasheet HTML 1Page - Tyco Electronics OSASH224DM3000 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
470
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
OEG
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• Meet UL TV-3 and CSA TV-4 rating available for DM5 type.
• 2 Form A contact arrangements.
• Immersion cleanable, sealed version available.
• Meet 3,000V dielectric voltage between coil and contacts.
• Meet 5,000V surge voltage between coil and contacts (1.2 / 50
µs).
OSA series
2 Pole Miniature
Power PC Board Relay
Appliances, Audio Equipment, Office Machines
UL File No. E82292
CSA File No. LR48471
SEMKO File No. 9452086 (available for DM5)
TUV File No. R9551879 (available for DM5)
Initial Insulation Resistance
Between Mutually Insulated Elements: 1,000M ohms min. @ 500VDC.
Mechanical Data
Termination: Printed circuit terminals.
Enclosure (94V-0 Flammability Ratings):
OSA-SS: Vented (Flux-tight) plastic cover.
OSA-SH: Sealed plastic case.
Weight: 0.46 oz (13g) approximately.
Coil Data @ 20
°C
Operate Data
Must Operate Voltage: 75% of nominal voltage or less.
Must Release Voltage: 10% of nominal voltage or more.
Operate Time:20 ms max.
Release Time: 10 ms max.
Environmental Data
Temperature Range:
Operating:-30
°C to +60°C
Vibration, Mechanical: 10 to 55 Hz., 1.5mm double amplitude
Operational: 10 to 55 Hz., 1.5mm double amplitude.
Shock, Mechanical: 1,000m/s2 (100G approximately).
Operational: 100m/s2 (10G approximately).
Operating Humidity: 20 to 85% RH. (Non-condensing).
Initial Dielectric Strength
Between Open Contacts: 1,000VAC 50/60 Hz. (1 minute).
Between Coil and Contacts: 3,000VAC 50/60 Hz. (1 minute).
Surge Voltage Between Coil and Contacts: 5,000V (1.2 / 50
µs).
Contact Data @ 20
°C
Arrangements: 2 Form A (DPST-NO).
Material: Ag-GS Alloy (DM3) and AgSnO (DM5).
Max. Switching Rate: 300 ops./min. (no load).
30 ops./min. (rated load).
Expected Mechanical Life: 10 million operations (no load).
Expected Electrical Life: 100,000 operations (rated load).
Minimum Load:
OSA-DM3: 1mA @ 1VDC.
OSA-DM5: 100mA @ 5VDC.
Initial Contact Resistance: 50 milliohms @ 1A, 6VDC.
Coil Data
Voltage: 5 to 48VDC.
Nominal Power: 540 mW
Coil Temperature Rise: 50
°C max., at rated coil voltage.
Max. Coil Power: 130% of nominal.
Duty Cycle: Continuous.
Contact Ratings
Ratings: OSA-DM3: 3A @ 120VAC resistive,
3A @ 24VDC resistive,
OSA-DM5: 5A @ 240VAC resistive,
5A @ 30VDC resistive,
TV-3 @ 120VAC Tungsten (UL),
TV-4 @ 120VAC Tungsten (CSA).
Max. Switched Voltage:
OSA-DM3: AC: 240V.DC: 50V.
OSA-DM5: AC: 250V.DC: 30V.
Max. Switched Current: 5A
Max. Switched Power:
OSA-DM3: 300VA.
OSA-DM5: 1,100VA.
OSA
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
5
106.4
47
3.75
0.50
6
88.0
68
4.50
0.60
9
58.0
155
6.75
0.90
12
44.4
270
9.00
1.20
24
21.8
1,100
18.00
2.40
48
11.0
4,400
36.00
4.80
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - OSASH224DM3000

ManufacturerPart #DatasheetDescription
logo
France Joint
OSA2 FRANCEJOINT-OSA2 Datasheet
270Kb / 4P
INVERTED SHAFT SEALS
logo
OptoSupply Internationa...
OSALKXXX OPTOSUPPLY-OSALKXXX Datasheet
310Kb / 3P
Anylight with Keychain
OSALMXXX OPTOSUPPLY-OSALMXXX Datasheet
157Kb / 3P
Anylight with Magnet
OSALSXXX OPTOSUPPLY-OSALSXXX Datasheet
314Kb / 3P
Anylight with Strand
More results

Similar Description - OSASH224DM3000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
logo
Tyco Electronics
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
16A Miniature Power PC Board Relay
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
10A Miniature Power PC Board Relay
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
MINIATURE PC BOARD RELAY
logo
Tyco Electronics
OSZ-SS-112DM8 MACOM-OSZ-SS-112DM8 Datasheet
49Kb / 2P
1 Pole Miniature Power PC Board Relay
2-1440001-1 MACOM-2-1440001-1 Datasheet
123Kb / 2P
2 Pole Miniature Power PC Board Relay
2-1440001-7 MACOM-2-1440001-7 Datasheet
123Kb / 2P
2 Pole Miniature Power PC Board Relay
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
MINIATURE PC BOARD RELAY
logo
Tyco Electronics
OMI2POLE MACOM-OMI2POLE Datasheet
123Kb / 2P
2 Pole Miniature Power PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com