Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSASS209DM5000 Datasheet(PDF) 2 Page - Tyco Electronics

Part # OSASS209DM5000
Description  2 Pole Miniature Power PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

OSASS209DM5000 Datasheet(HTML) 2 Page - Tyco Electronics

  OSASS209DM5000 Datasheet HTML 1Page - Tyco Electronics OSASS209DM5000 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
471
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03
Reference Data
Wiring Diagram (Bottom View)
Outline Dimensions
Coil Temperature Rise
Operate Time
Life Expectancy
PC Board Layout (Bottom View)
Ordering Information
Typical Part Number
B
OSA
-SS
-2
24
D
M
3
,000
1. Basic Series:
OSA = Miniature Power PC board relay.
2. Enclosure:
SS = Vent (Flux-tight)* plastic cover.
SH = Sealed, plastic case.
3. Termination:
2 = 2 pole
4. Coil Voltage:
05 = 5VDC
09 = 9VDC
24 = 24VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
5. Coil Input:
D = Standard
6. Contact Arrangement:
M = 2 Form A, DPST-NO
7. Contact Rating:
3 = 3A @ 120VAC resistive (DM3).
5 = 5A @ 240VAC resistive (DM5).
8. Suffix:
,000 = Standard model
Other Suffix = Custom model
* Not suitable for immersion cleaning processes.
12
10
8
6
4
2
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Power (W)
Coil Power (W)
60
50
40
30
20
10
Release Time
Operate Time
100
Contact Current (A)
10
1
01
2
3
4
5
DM3 Type,
120VAC, 24VDC
Resistive
DM5 Type,
240VAC, 30VDC
Resistive
.976
± .02
(24.8
± .5)
.96
± .02
(24.4
± .5)
.018
(.45)
.197
± .008
(5.0
± .2)
.012
(.3)
.59
± .008
(15.0
± .2)
.295
± .008
(7.5
± .2)
.157
± .02
(4.0
± .5)
.508
± .02
(12.9
± .5)
.02
(.5)
.077
± .008
(1.95
± .2)
.096
± .008
(2.45
± .2)
.106
± .008
(2.7
± .2)
.106
± .008
(2.7
± .2)
.039
± .004
(1.0
± .1)
.039
± .004
(1.0
± .1)
2 – .039 DIA
(1.0)
.197
± .004
(5.0
± .1)
.59
± .004
(15.0
± .1)
.295
± .004
(7.5
± .1)
4 – .047 DIA
(1.2)
None at present.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com