Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5355-2.5/1.8YMME Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5355-2.5/1.8YMME
Description  Dual 500mA 關Cap Low Dropout, Micropower Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5355-2.5/1.8YMME Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5355-2.5/1.8YMME Datasheet HTML 1Page - Micrel Semiconductor MIC5355-2.5/1.8YMME Datasheet HTML 2Page - Micrel Semiconductor MIC5355-2.5/1.8YMME Datasheet HTML 3Page - Micrel Semiconductor MIC5355-2.5/1.8YMME Datasheet HTML 4Page - Micrel Semiconductor MIC5355-2.5/1.8YMME Datasheet HTML 5Page - Micrel Semiconductor MIC5355-2.5/1.8YMME Datasheet HTML 6Page - Micrel Semiconductor MIC5355-2.5/1.8YMME Datasheet HTML 7Page - Micrel Semiconductor MIC5355-2.5/1.8YMME Datasheet HTML 8Page - Micrel Semiconductor MIC5355-2.5/1.8YMME Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Micrel, Inc.
MIC5355/6
March 2012
3
M9999-031512-A
Absolute Maximum Ratings(1)
Supply Voltage (VIN)........................................ –0.3V to +6V
Enable Voltage (VEN1, VEN2). ....................–0.3V to VIN +0.3V
Power Dissipation (PD)........................... Internally Limited
(3)
Lead Temperature (soldering, 10sec.)....................... 260°C
Junction Temperature (TJ) ........................–40°C to +125°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(4)................................................. ESD Sensitive
Operating Ratings(2)
Supply Voltage (VIN)....................................... +2.5V to 5.5V
Enable Voltage (VEN1, VEN2). ................................... 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
8-Pin ePad MSOP (θJA)..................................64.4°C/W
8-Pin ePad 3mm x 3mm MLF
® (θ
JA).................. 61°C/W
Electrical Characteristics(5)
VIN = VEN1 = VEN2 = VOUT +1V; higher of the two outputs; IOUTLDO1 = IOUTLDO2 = 100µA; COUT1 = COUT2= 2.2 µF; TJ = +25C,
bold values indicate –40°C to +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Variation from nominal VOUT
2.0
+2.0
Output Voltage Accuracy
Variation from nominal VOUT
3.0
+3.0
%
Line Regulation
VIN = VOUT + 1V to 5.5V, IOUT = 100µA
0.02
0.3
%/V
Load Regulation
IOUT = 100µA to 500mA
0.3
1
%
IOUT = 50mA
40
100
Dropout Voltage
IOUT = 500mA
350
800
mV
VEN1 = High; VEN2 = Low; IOUT1 = 0mA
38
53
VEN1 = Low; VEN2 = High; IOUT2 = 0mA
38
53
VEN1 = VEN2 = High; IOUT1 = IOUT2 = 0mA
70
100
VEN1 = High; VEN2 = Low; IOUT1 = 500mA
55
90
VEN1 = Low; VEN2 = High; IOUT2 = 500mA
55
90
Ground Pin Current
VEN1 = VEN2 = High; IOUT1 = IOUT2 = 500mA
105
200
µA
Shutdown Current
VEN1 = VEN2 0.2V
0.05
1
µA
Ripple Rejection
f = 1kHz; COUT = 2.2µF; IOUT = 250mA
60
dB
Current Limit
VOUT = 0V
525
750
1050
mA
Output Voltage Noise
COUT = 2.2µF, 10Hz to 100kHz
146
µVRMS
Auto-Discharge NFET
Resistance
MIC5356 only; VEN1 = VEN2 = 0V; VIN = 3.6V; IOUT = 3mA
30
Ω
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
The maximum allowable power dissipation of any TA (ambient temperature) is PD(MAX) = (TJ(MAX)  TA) / JA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature and the register will go into thermal shutdown.
4.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
5.
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com