Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5311 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5311
Description  LowQ??Mode Dual 300mA LDO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5311 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5311 Datasheet HTML 1Page - Micrel Semiconductor MIC5311 Datasheet HTML 2Page - Micrel Semiconductor MIC5311 Datasheet HTML 3Page - Micrel Semiconductor MIC5311 Datasheet HTML 4Page - Micrel Semiconductor MIC5311 Datasheet HTML 5Page - Micrel Semiconductor MIC5311 Datasheet HTML 6Page - Micrel Semiconductor MIC5311 Datasheet HTML 7Page - Micrel Semiconductor MIC5311 Datasheet HTML 8Page - Micrel Semiconductor MIC5311 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
MIC5311
March 2006
2
M9999-032706
(408) 955-1690
Ordering Information
Part Number
Standard
Pb-Free
Output
Voltage*
Junction Temp. Range
Package
MIC5311-GMBML
MIC5311-GMYML
1.8V/2.8V
–40°C to +125°C
10-Pin 3×3 MLF™
MIC5311-DKBML
MIC5311-DKYML
1.85V/2.6V
–40°C to +125°C
10-Pin 3×3 MLF™
MIC5311-NLYML
2.85V/2.7V
–40°C to +125°C
10-Pin 3×3 MLF™
Note: *Other Voltage options available between 1.25V and 5V. Contact Micrel for details.
Pin Configuration
1
VIN
EN1
EN2
LOWQ
BYP
10 VOUT1
VOUT2
NC
NC
GND
9
8
7
6
2
3
4
5
MIC5311-xxBML (3x3)
Pin Description
Fixed
Pin Name
Pin Function
1
VIN
Supply Input. (VIN1 and VIN2 are internally tied together)
2
EN1
Enable Input (regulator 1). Active High Input. Logic High = On; Logic Low = Off;
Do not leave floating
3
EN2
Enable Input (regulator 2). Active High Input. Logic High = On; Logic Low = Off;
Do not leave floating
4
LowQ™
LowQ™ Mode. Active Low Input. Logic High = Full Power Mode; Logic Low = Light
Load Mode; Do not leave floating.
5
BYP
Reference Bypass: Connect external 0.01µF to GND to reduce output noise. May
be left open.
6
GND
Ground.
7
NC
8
NC
9
VOUT2
Output of regulator 2
10
VOUT1
Output of regulator 1
EP
GND
Ground. Internally connected to the Exposed Pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com