Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC3000BML Datasheet(PDF) 27 Page - Micrel Semiconductor

Part # MIC3000BML
Description  FOM Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000BML Datasheet(HTML) 27 Page - Micrel Semiconductor

Back Button MIC3000BML Datasheet HTML 23Page - Micrel Semiconductor MIC3000BML Datasheet HTML 24Page - Micrel Semiconductor MIC3000BML Datasheet HTML 25Page - Micrel Semiconductor MIC3000BML Datasheet HTML 26Page - Micrel Semiconductor MIC3000BML Datasheet HTML 27Page - Micrel Semiconductor MIC3000BML Datasheet HTML 28Page - Micrel Semiconductor MIC3000BML Datasheet HTML 29Page - Micrel Semiconductor MIC3000BML Datasheet HTML 30Page - Micrel Semiconductor MIC3000BML Datasheet HTML 31Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
October 2004
27
M9999-101204
MIC3000
Micrel
D4
D5
D6
D3 D2 D1 D0
D7
RXLOS
TXFAULT
ILD & TX Fault
Comparators
RXLOS Fault
Comparator
RSOUT
RSIN
LASER_SHUTDOWN
TXDISABLE
Figure 13. Control and Status I/O Logic
90% of nominal output
10% of nominal output
TXDISABLE
Transmitter Output
TXFAULT
tOFF
tON
Figure 14. Transmitter ON-OFF Timing
tINIT
tPOR
VDD
TXFAULT
TXDISABLE
Transmitter Output
90% Nominal Output
Figure 15. Initialization Timing with TXDISABLE Asserted
System Timing
The timing specifications for MIC3000 control and status
I/O are given in the “Electrical Characteristics” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com