Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2753 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2753
Description  Power Supply Supervisors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2753 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2753_02 Datasheet HTML 1Page - Micrel Semiconductor MIC2753_02 Datasheet HTML 2Page - Micrel Semiconductor MIC2753_02 Datasheet HTML 3Page - Micrel Semiconductor MIC2753_02 Datasheet HTML 4Page - Micrel Semiconductor MIC2753_02 Datasheet HTML 5Page - Micrel Semiconductor MIC2753_02 Datasheet HTML 6Page - Micrel Semiconductor MIC2753_02 Datasheet HTML 7Page - Micrel Semiconductor MIC2753_02 Datasheet HTML 8Page - Micrel Semiconductor MIC2753_02 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
June 1999
3
MIC2753/2754
MIC2753/2754
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IN) ...................................... –0.3V to 10V
Reset Voltage (V
RST) ........................... –0.3V to VIN + 0.3V
Manual Reset Voltage (V
MR) ............... –0.3V to VIN + 0.3V
Reset Current (I
RST) ................................................... 10mA
Continuous Power Dissipation
(P
D at TA = +85°C) .............................................. 200mW
Storage Temperature (T
S) ....................... –65°C to +150°C
ESD Rating, Note 3
Operating Ratings (Note 2)
Supply Voltage (V
IN) .......................................... 1.5V to 7V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Junction Temperature (T
J) ........................................ 150°C
Manual Reset (V
MR) ............................................. 0V to VIN
Thermal Resistance
(θ
JA) ................................................................... 325°C/W
Electrical Characteristics
V
IN = 5.0V (L, M voltage code), VIN = 3.3V (T, S voltage code), VIN = 2.85 (R voltage code) TA = 25°C;
bold values indicate 1.5V
≤ V
IN ≤ 7.0V, –40°C ≤ TA ≤ +85°C Note 4; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
IN
Input Supply Voltage
1.0
7.0
V
I
DD
Operating Supply Current
manual reset not asserted
30
100
µA
V
THO
Overvoltage Threshold
L voltage code
5.28
5.38
6.00
V
M voltage code
5.62
5.81
6.00
V
T voltage code
3.459
3.53
3.96
V
S voltage code
3.67
3.83
3.96
V
R voltage code
3.018
3.08
3.28
V
V
THU
Undervoltage Threshold
L voltage code
4.50
4.63
4.75
V
M voltage code
4.25
4.38
4.50
V
T voltage code
3.00
3.08
3.15
V
S voltage code
2.85
2.93
3.00
V
R voltage code
2.55
2.63
2.70
V
V
HYST+
Overvoltage Threshold Hysteresis
–15
mV
V
HYST–
Undervoltage Threshold Hysteresis
+15
mV
t
PROP(RST)
Propagation Delay
V
IN = VTHO (min) – 100mV to VTHO (max) + 100mV
12
30
µs
V
IN = VTHU (max) + 100mV to VTHU (min) – 100mV
12
30
µs
t
RST
Reset Pulse Width
140
240
560
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com