Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2753-RBM5 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2753-RBM5
Description  Power Supply Supervisors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2753-RBM5 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2753-RBM5 Datasheet HTML 4Page - Micrel Semiconductor MIC2753-RBM5 Datasheet HTML 5Page - Micrel Semiconductor MIC2753-RBM5 Datasheet HTML 6Page - Micrel Semiconductor MIC2753-RBM5 Datasheet HTML 7Page - Micrel Semiconductor MIC2753-RBM5 Datasheet HTML 8Page - Micrel Semiconductor MIC2753-RBM5 Datasheet HTML 9Page - Micrel Semiconductor MIC2753-RBM5 Datasheet HTML 10Page - Micrel Semiconductor MIC2753-RBM5 Datasheet HTML 11Page - Micrel Semiconductor MIC2753-RBM5 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MIC2753/2754
Micrel
MIC2753/2754
10
June 1999
Microcontroller
Manual
Reset
MIC2754
VCC
HV
MR
RST
VCC
IN
RST IN
GND
Fuse
RPULL-DOWN
100k
MCR708A
SCR
2200pF
10k
MIC94030
1k
22
GND
Figure 2a. MIC2754 Valid Reset Below 1.5V
Microcontroller
Manual
Reset
MIC2753
VCC
HV
MR
RST
VCC
IN
RST IN
GND
Fuse
RPULL-UP
100k
MCR708A
SCR
2200pF
10k
MIC94030
1k
22
GND
Figure 2b. MIC2753 Valid Reset Below 1.5V
Microcontroller
Manual
Reset
MIC2754
VCC
HV
MR
RST
VCC
IN
RST IN
GND
GND
Fuse
MCR708A
SCR
RSERIES
4.7k
BUFFER
/RST signal to
other circuits
2200pF
10k
MIC94030
1k
22
Figure 3. MIC2754 With Processors Using Bidirectional Reset Inputs.
Crowbar Applications
The following MIC275x applications diagrams show an SCR
crowbar circuit. The function of this circuit is to protect system
components from damage caused by excessive supply volt-
age, as might be generated by a runaway power supply. The
low R
DS(on) of the MIC94030 P-channel MOSFET (<1Ω at
V
GS = 4.5V) and the 22Ω resistor assure adequate gate
current to trigger the SCR.
The crowbar circuit is designed to be functional over all
operating ranges of the MIC275x. Since the lowest upper-
threshold voltage of the MIC275x family is only 3.08V, and
since the SCR-gate forward voltage is about 1V, there is
about 90mA of gate-drive current available: 2.08V
÷ 23Ω =
0.09A. The highest upper-threshold voltage is 5.38V, so
available gate-drive current is about 190mA: 4.38V
÷ 23Ω =
0.190A. The maximum forward gate current of the SCR is
200mA. The SCR trigger characteristics and the gate-drive
capability provide a workable solution for the power-supply
voltage range in question.
The 10k
Ω resistor is the pull-up for the open-drain /HV output
of the MIC275x, and the 2200pF capacitor avoids inadvertent
premature triggering of the SCR, which might be caused by
a very narrow spike on the /HV line. Similarly, the 1k
Ω resistor
from the SCR-gate to ground keeps the SCR-gate biased off.
The fuse shown in the diagrams, which ultimately protects
both the system components and the crowbar SCR, should
be a fast-blow type. The SCR is rated at 4A(rms), but it can
withstand a brief 25A surge. The crowbar circuit shown
should, conservatively, be capable of blowing a 5A or 6A
fuse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com