Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4426YN Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4426YN
Description  Dual 1.5A-Peak Low-Side MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4426YN Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4426YN Datasheet HTML 1Page - Micrel Semiconductor MIC4426YN Datasheet HTML 2Page - Micrel Semiconductor MIC4426YN Datasheet HTML 3Page - Micrel Semiconductor MIC4426YN Datasheet HTML 4Page - Micrel Semiconductor MIC4426YN Datasheet HTML 5Page - Micrel Semiconductor MIC4426YN Datasheet HTML 6Page - Micrel Semiconductor MIC4426YN Datasheet HTML 7Page - Micrel Semiconductor MIC4426YN Datasheet HTML 8Page - Micrel Semiconductor MIC4426YN Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MIC4426/4427/4428
Micrel, Inc.
M9999-042108
2
April 2008
Ordering Information
Part Number
Temperature
Standard
Pb-Free
Range
Package
Configuration
MIC4426BM
MIC4426YM
–40ºC to +85ºC
8-Pin SOIC
Dual Inverting
MIC4426CM
MIC4426ZM
–0ºC to +70ºC
8-Pin SOIC
Dual Inverting
MIC4426BMM
MIC4426YMM
–40ºC to +85ºC
8-Pin MSOP
Dual Inverting
MIC4426BN
MIC4426YN
–40ºC to +85ºC
8-Pin PDIP
Dual Inverting
MIC4426CN
MIC4426ZN
–0ºC to +70ºC
8-Pin PDIP
Dual Inverting
MIC4427BM
MIC4427YM
–40ºC to +85ºC
8-Pin SOIC
Dual Non-Inverting
MIC4427CM
MIC4427ZM
–0ºC to +70ºC
8-Pin SOIC
Dual Non-Inverting
MIC4427BMM
MIC4427YMM
–40ºC to +85ºC
8-Pin MSOP
Dual Non-Inverting
MIC4427BN
MIC4427YN
–40ºC to +85ºC
8-Pin PDIP
Dual Non-Inverting
MIC4427CN
MIC4427ZN
–0ºC to +70ºC
8-Pin PDIP
Dual Non-Inverting
MIC4428BM
MIC4428YM
–40ºC TO +85ºC
8-Pin SOIC
Inverting + Non-Inverting
MIC4428CM
MIC4428ZM
–0ºC to +70ºC
8-Pin SOIC
Inverting + Non-Inverting
MIC4428BMM
MIC4428YMM
–40ºC to +85ºC
8-Pin MSOP
Inverting + Non-Inverting
MIC4428BN
MIC4428YN
–40ºC to +85ºC
8-Pin PDIP
Inverting + Non-Inverting
MIC4428CN
MIC4428ZN
–0ºC to +70ºC
8-Pin PDIP
Inverting + Non-Inverting
Note
DESC standard military drawing 5962-88503 available;
MIC4426, CERDIP 8-Pin
SMD#: 5962-8850307PA
Micrel Part Number: 5952-8850307PA
MIC4427, CERDIP 8-Pin
SMD#: 5962-8850308PA
Micrel Part Number: 5952-8850308PA
MIC4428, CERDIP 8-Pin
SMD#: 5962-8850309PA
Micrel Part Number: 5952-8850309PA
MIC426/427/428 Device Replacement
Discontinued Number Replacement
MIC426CM
MIC4426BM
MIC426BM
MIC4426BM
MIC426CN
MIC4426BN
MIC426BN
MIC4426BN
MIC427CM
MIC4427BM
MIC427BM
MIC4427BM
MIC427CN
MIC4427BN
MIC427BN
MIC4427BN
MIC428CM
MIC4428BM
MIC428BM
MIC4428BM
MIC428CN
MIC4428BN
MIC428BN
MIC4428BN
MIC1426/1427/1428 Device Replacement
Discontinued Number Replacement
MIC1426CM
MIC4426BM
MIC1426BM
MIC4426BM
MIC1426CN
MIC4426BN
MIC1426BN
MIC4426BN
MIC1427CM
MIC4427BM
MIC1427BM
MIC4427BM
MIC1427CN
MIC4427BN
MIC1427BN
MIC4427BN
MIC1428CM
MIC4428BM
MIC1428BM
MIC4428BM
MIC1428CN
MIC4428BN
MIC1428BN
MIC4428BN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com