Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2810 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2810
Description  Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2810 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2810 Datasheet HTML 9Page - Micrel Semiconductor MIC2810 Datasheet HTML 10Page - Micrel Semiconductor MIC2810 Datasheet HTML 11Page - Micrel Semiconductor MIC2810 Datasheet HTML 12Page - Micrel Semiconductor MIC2810 Datasheet HTML 13Page - Micrel Semiconductor MIC2810 Datasheet HTML 14Page - Micrel Semiconductor MIC2810 Datasheet HTML 15Page - Micrel Semiconductor MIC2810 Datasheet HTML 16Page - Micrel Semiconductor MIC2810 Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Micrel, Inc.
MIC2810
February 2008
13
M9999-022008-C
Device Functional Description
The MIC2810 is a power management IC with a single
integrated step-down regulator and two low dropout
regulators. LDO1 and LDO2 are 300mA low dropout
regulators supplied from the input voltage pins. The
step-down regulator is a 600mA PWM power supply. All
three regulators utilize a /LOWQ light load mode to
maximize battery efficiency under light load conditions.
This is achieved with a /LOWQ control pin that when
pulled low shuts down all the biasing and drive current
for the PWM regulator, along with reducing the current
limit of the two independent LDOs. When the /LOWQ pin
is pulled low, the MIC2810 draws only 30µA of operating
current. This mode allows the output to be regulated
through the LDO output which is capable of providing
60mA of output current. This method has the advantage
of producing a clean, low current, ultra-low noise output
in /LOWQ mode. During /LOWQ mode, the SW node
becomes high impedance, blocking current flow. Other
methods of reducing quiescent current, such as pulse
frequency modulation (PFM) or bursting techniques
create large amplitude and low frequency ripple voltages
that can be detrimental to system operation.
When more than 60mA is required, the /LOWQ pin can
be forced high, causing the MIC2810 to enter PWM
mode. In this case, the LDO output makes a "hand-off"
to the PWM regulator with virtually no variation in output
voltage. The LDO output then turns off allowing up to
600mA of current to be efficiently supplied through the
PWM output to the load.
Pin Functional Description
VIN/VIN1/VIN2
Three input voltage pins provide power to the switch
mode regulator, LDO1, and LDO2. VIN provides power
to the control circuitry of the DC/DC converter and
voltage reference circuitry shared by all the regulators in
the MIC2810. LDO1’s input voltage (VIN1) can go down
to 1.65V but LDO2 and the DC/DC converter input
voltages are limited to 2.7V minimum.
For the switch mode regulator VIN provides power to the
MOSFET along with current limiting sense circuitry. Due
to the high switching speeds, a 4.7µF capacitor is
recommended close to VIN and the power ground
(PGND) pin for bypassing. Please refer to the PCB
layout section for an example of an appropriate circuit
layout.
LDO
The LDO pin is the output of the linear regulator and
should be connected to the output of the step-down
PWM regulator. In /LOWQ mode (/LOWQ <0.2V), the
LDO provides the output voltage of the DC/DC regulator.
LDO1
Regulated output voltage of LDO1. Power is provided by
VIN1. Recommended output capacitance is 2.2µF.
LDO2
Regulated output voltage of LDO2. Power is provided by
VIN2. Recommended output capacitance is 2.2µF.
EN/EN1/EN2
All enable inputs are active high, requiring 1.0V for
guaranteed operation. EN provides logic control for the
DC/DC regulator. EN2 provides logic control for LDO2,
and EN1 provides logic control for LDO1. The enable
inputs are CMOS logic and cannot be left floating.
The enable pins provide logic level control of the
specified outputs. When all enable pins are in the off
state, supply current of the device is greatly reduced
(typically <1µA). When the DC/DC regulator is in the off
state, the output drive is placed in a "tri-stated" condition,
where both the high side P-channel MOSFET and the
low-side N-channel are in an “off” or non-conducting
state. Do not drive any of the enable pins above the
supply voltage.
Power-On Reset (POR)
The power-on reset output is an open-drain N-Channel
device, requiring a pull-up resistor to either the input
voltage or output voltage for proper voltage levels. The
POR output has a delay time that is programmable with
a capacitor from the CSET pin to ground. The delay time
can be programmed to be as long as 1 second.
/LOWQ
The /LOWQ pin provides a logic level control between
the internal PWM switching regulator mode, and the low
noise linear regulator mode. With /LOWQ pulled low
(≤0.2V), quiescent current of the device is greatly
reduced by switching to a low noise linear regulator
mode that has a typical supply current of 38µA. In linear
(LDO) mode the output can deliver 60mA of current to
the output. By placing /LOWQ high (≥1V), the device
transitions into a constant frequency PWM step-down
regulator mode. This allows the device the ability to
efficiently deliver up to 600mA of output current at the
same output voltage.
/LOWQ mode also limits the output load of both LDO1
and LDO2 to <50mA.
BIAS
The BIAS pin supplies the power to the internal control
and reference circuitry. The bias is powered from VIN
through an internal 6Ω resistor. A small 0.1µF capacitor
is recommended for bypassing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com