Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2782EMYCS Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2782EMYCS
Description  Dual-Input Push Button Reset IC with Immediate and Delayed Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2782EMYCS Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2782EMYCS Datasheet HTML 1Page - Micrel Semiconductor MIC2782EMYCS Datasheet HTML 2Page - Micrel Semiconductor MIC2782EMYCS Datasheet HTML 3Page - Micrel Semiconductor MIC2782EMYCS Datasheet HTML 4Page - Micrel Semiconductor MIC2782EMYCS Datasheet HTML 5Page - Micrel Semiconductor MIC2782EMYCS Datasheet HTML 6Page - Micrel Semiconductor MIC2782EMYCS Datasheet HTML 7Page - Micrel Semiconductor MIC2782EMYCS Datasheet HTML 8Page - Micrel Semiconductor MIC2782EMYCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Micrel, Inc.
MIC2782
January 2012
4
M9999-010912-A
Absolute Maximum Ratings (1)
Supply Voltage (VDD)......................................GND to +6.0V
Input Voltage (V/MR1, V/MR2)………GND - 0.3V to VDD + 0.3V
NMOS Output Voltage (VRESET, VANDOUT)…....GND - 0.3V to
+6.0V
Lead Temperature (soldering, 10sec.)....................... 260°C
Storage Temperature (Ts)..........................-55°C to +150°C
ESD Rating (Human Body Model)
(3) ..............................2kV
ESD Rating (Machine Model)…………………………...200V
Operating Ratings (2)
Supply Voltage (VDD).................................... +1.5V to +5.5V
Input Voltage (V/MR1, V/MR2)…………………...….…0V to VDD
NMOS Output Voltage (VRESET, VANDOUT)….……0V to +5.5V
Junction Temperature (TJ) .......................... –40°C to +85°C
Package Thermal Resistance
6-Bump, 0.4mm Pitch WLCSP (θJA)................125°C/W
Electrical Characteristics (4)
For typical values, VDD = 3.3V, /MR1 = /MR2 = Open, TJ = 25°C, bold values indicate –40°C  TJ  +85°C; unless noted.
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supply Input
Supply Voltage (VDD)
Reset Output Valid
1.5
5.5
V
VDD = 3.3V, /MR1 = /MR2 = VDD
2.2
4.0
VDD = 5.0V, /MR1 = /MR2 = VDD
3.2
5.0
Supply Current (IDD)
VDD = 3.3V, /MR1 = /MR2 = GND
120
µA
Reset Time
Ordering Option: C
5.4
6
6.6
Ordering Option: D
7.2
8
8.8
Ordering Option: E
9.0
10
11
Setup Period (tSETUP)
Ordering Option: F
10.8
12
13.2
s
Ordering Option: L
0.4
0.5
0.6
Ordering Option: M
0.9
1
1.1
Reset Timeout Period (tRESET)
Ordering Option: R
1.8
2
2.2
s
ANDOUT Debounce Time (tDB)
V/MR1,2 < (VIL – 100mV)
1
1.5
2
ms
VDD = 4.5V, ISINK = 1.6mA
0.3
VDD = 3.3V, ISINK = 1.2mA
0.3
Output Low Voltage (VOL)
VDD = 1.5V, ISINK = 0.5mA
0.3
V
Open-Drain Leakage Current (ILEAKAGE)
RESET, ANDOUT Inactive
VRESET, VANDOUT = 5.5V
300
nA
/MR1, /MR2 Input
Input High Voltage (VIH)
1.2
V
Input Low Voltage (VIL)
0.4
V
Internal Pull-Up Resistance (RPU)
For /MR1, /MR2
55
65
75
kΩ
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4.
Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com