Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2754-RBM5 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2754-RBM5
Description  Power Supply Supervisors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2754-RBM5 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2754-RBM5 Datasheet HTML 1Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 2Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 3Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 4Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 5Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 6Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 7Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 8Page - Micrel Semiconductor MIC2754-RBM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC2753/2754
Micrel
MIC2753/2754
2
June 1999
Pin Configuration
Part
Identification
RST
MR
GND
VIN
UDx
1
3
45
2
HV
HV
MR
RST
VIN
UEx
1
3
45
2
GND
MIC2753
MIC2754
Voltage
Code
Pin Description
Pin No.
Pin No.
Pin Name
Pin Function
MIC2753
MIC2754
1
RST
Reset (Digital Output): Active-high output. Asserted when V
IN falls below
V
THU (undervoltage threshold), or rises above VTHO (overvoltage threshold).
Deasserted no less than 140ms after V
IN returns within threshold limits.
2
1
/HV
High-Voltage Flag (Open-Drain Output): /HV is asserted (active low) when
the input voltage exceeds the V
THO (overvoltage threshold).
It indicates
power supply overvoltage and is intended for connection to a protection
device such as a “crowbar” circuit.
3
3
VIN
Analog Input: Voltage monitor input and power supply input to the IC.
4
/RST
Reset (Digital Output): Active-low digital output. This output will be asserted
whenever V
IN falls below VTHU (undervoltage threshold), or rises above
V
THO (overvoltage threshold). It will be deasserted no less than 140ms after
V
IN returns within the threshold limits.
4
2
GND
Ground: Ground return for all IC functions.
5
5
/MR
Manual Reset (Digital Input): Logic low initiates immediate, unconditional
reset. If V
IN is within tolerance thresholds, when /MR is released (returns
high), the reset output(s) will be deasserted no less than 140ms later. /MR
may be driven by a CMOS or TTL logic signal or a mechanical switch.
(Switch debouncing is performed internally.) /MR has an internal pull-up to
VIN and may remain open if unused.
Ordering Information
Part Number
Mark
Lower Threshold
Monitored
Upper Threshold
Reset
Temperature
Package
Voltage
Voltage*
Voltage
Range
MIC2753-RBM5
UDR
2.63V
2.85V
±5%
3.08V
Active High
–40
°C to +85°C
SOT-23-5
MIC2753-SBM5
UDS
2.93V
3.3V
±10%
3.83V
Active High
–40
°C to +85°C
SOT-23-5
MIC2753-TBM5
UDT
3.08V
3.3V
±5%
3.53V
Active High
–40
°C to +85°C
SOT-23-5
MIC2753-MBM5
UDM
4.38V
5.0V
±10%
5.81V
Active High
–40
°C to +85°C
SOT-23-5
MIC2753-LBM5
UDL
4.63V
5.0V
±5%
5.38V
Active High
–40
°C to +85°C
SOT-23-5
MIC2754-RBM5
UER
2.63V
2.85V
±5%
3.08V
Active Low
–40
°C to +85°C
SOT-23-5
MIC2754-SBM5
UES
2.93V
3.3V
±10%
3.83V
Active Low
–40
°C to +85°C
SOT-23-5
MIC2754-TBM5
UET
3.08V
3.3V
±5%
3.53V
Active Low
–40
°C to +85°C
SOT-23-5
MIC2754-MBM5
UEM
4.38V
5.0V
±10%
5.81V
Active Low
–40
°C to +85°C
SOT-23-5
MIC2754-LBM5
UEL
4.63V
5.0V
±5%
5.38V
Active Low
–40
°C to +85°C
SOT-23-5
* Contact factory for voltages not listed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com