Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2213-Adj/ADJBML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2213-Adj/ADJBML
Description  Sequenced Portable Power Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2213-Adj/ADJBML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2213-Adj/ADJBML Datasheet HTML 1Page - Micrel Semiconductor MIC2213-Adj/ADJBML Datasheet HTML 2Page - Micrel Semiconductor MIC2213-Adj/ADJBML Datasheet HTML 3Page - Micrel Semiconductor MIC2213-Adj/ADJBML Datasheet HTML 4Page - Micrel Semiconductor MIC2213-Adj/ADJBML Datasheet HTML 5Page - Micrel Semiconductor MIC2213-Adj/ADJBML Datasheet HTML 6Page - Micrel Semiconductor MIC2213-Adj/ADJBML Datasheet HTML 7Page - Micrel Semiconductor MIC2213-Adj/ADJBML Datasheet HTML 8Page - Micrel Semiconductor MIC2213-Adj/ADJBML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MIC2213
Micrel, Inc.
M9999-101705
2
October 2005
Ordering Information
Part Number
Voltage*
(VO1 / VO2)
Junction
Temperature Range
Package
Full
Manufacturing
Pb-Free
MIC2213-1.8/2.85BML
MIC2213-GNBML
MIC2213-GNYML
1.8V/2.85V
–40ºC to +125ºC
10-Pin 3x3 MLF™
MIC2213-2.5/3.3BML
MIC2213-JSBML
MIC2213-JSYML
2.5V/3.3V
–40ºC to +125ºC
10-Pin 3x3 MLF™
MIC2213-Adj/AdjBML
MIC2213-AABML
MIC2213-AAYML
Adj/Adj
–40ºC to +125ºC
16-Pin 4x4 MLF™
* Contact factory regarding availability for voltages not listed.
Voltage
Code
Adj.
A
1.5
F
1.6
W
1.8
G
2.0
H
2.1
E
2.5
J
2.6
K
2.7
L
2.8
M
2.850
N
2.9
O
3.0
P
3.1
Q
3.2
R
3.3
S
3.4
T
3.5
U
3.6
V
Table 1. Voltage Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com