Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1069A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SA1069A
Description  PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1069A Datasheet(HTML) 7 Page - Renesas Technology Corp

  2SA1069A Datasheet HTML 1Page - Renesas Technology Corp 2SA1069A Datasheet HTML 2Page - Renesas Technology Corp 2SA1069A Datasheet HTML 3Page - Renesas Technology Corp 2SA1069A Datasheet HTML 4Page - Renesas Technology Corp 2SA1069A Datasheet HTML 5Page - Renesas Technology Corp 2SA1069A Datasheet HTML 6Page - Renesas Technology Corp 2SA1069A Datasheet HTML 7Page - Renesas Technology Corp 2SA1069A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Data Sheet D14855EJ3V1DS
5
2SA1069, 1069A
PACKAGE DRAWING (UNIT: mm)
(1) TO-220AB (MP-25)
(2) TO-220SMD (MP-25Z)
Note
4.8 MAX.
1.Gate
2.Drain
3.Source
4.Fin (Drain)
1 2 3
10.6 MAX.
10.0 TYP.
3.6±0.2
4
1.3±0.2
0.75±0.1
2.54 TYP.
2.54 TYP.
1.3±0.2
0.5±0.2
2.8±0.2
φ
10 TYP.
1.4±0.2
2.54 TYP.
2.54 TYP.
123
4
4.8 MAX.
1.3±0.2
0.5±0.2
0.5R
TYP.
0.8R
TYP.
0.75±0.3
1.Gate
2.Drain
3.Source
4.Fin (Drain)
Note This package is produced only in Japan.
<R>



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com