Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NNCD2.0DA Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NNCD2.0DA
Description  ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE 2-PIN SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NNCD2.0DA Datasheet(HTML) 5 Page - Renesas Technology Corp

  NNCD2.0DA Datasheet HTML 1Page - Renesas Technology Corp NNCD2.0DA Datasheet HTML 2Page - Renesas Technology Corp NNCD2.0DA Datasheet HTML 3Page - Renesas Technology Corp NNCD2.0DA Datasheet HTML 4Page - Renesas Technology Corp NNCD2.0DA Datasheet HTML 5Page - Renesas Technology Corp NNCD2.0DA Datasheet HTML 6Page - Renesas Technology Corp NNCD2.0DA Datasheet HTML 7Page - Renesas Technology Corp NNCD2.0DA Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet D18879EJ2V0DS
5
NNCD2.0DA to NNCD39DA
Figure 5. SURGE REVERSE POWER RATINGS
tT
Non-repentitive
NNCD[ ]DA
1000
100
10
1
1
μ
10
μ
100
1 m
10 m
100 m
μ
tT - Pulse Width - s
SAMPLE APPLICATION CIRCUIT
Connector
Set Note
Parallel
Interface
Micro
com.
PC
(CD-ROM)
Interface Cable
.
.
.
Note Set: Printer, P.C.D., T.V, Game, etc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com