Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NNCD2.2DA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NNCD2.2DA
Description  ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE 2-PIN SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NNCD2.2DA Datasheet(HTML) 3 Page - Renesas Technology Corp

  NNCD2.2DA Datasheet HTML 1Page - Renesas Technology Corp NNCD2.2DA Datasheet HTML 2Page - Renesas Technology Corp NNCD2.2DA Datasheet HTML 3Page - Renesas Technology Corp NNCD2.2DA Datasheet HTML 4Page - Renesas Technology Corp NNCD2.2DA Datasheet HTML 5Page - Renesas Technology Corp NNCD2.2DA Datasheet HTML 6Page - Renesas Technology Corp NNCD2.2DA Datasheet HTML 7Page - Renesas Technology Corp NNCD2.2DA Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D18879EJ2V0DS
3
NNCD2.0DA to NNCD39DA
TYPICAL CHARACTERISTICS (TA = 25
°C)
Figure 1. POWER DISSIPATION vs.AMBIENT TEMPERATURE
0
50
100
150
200
250
0
25
50
75
100
125
150
P.C.B. (Glass Epoxy)
(30 mm x 30 mm x 1.6 mmt)
TA - Ambient Temperature -
°C
<R> Figure 2. IT - VBR CHARACTERISTICS (1/2)
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
0123456789 10
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
0
7
8
9 10 11 12 13 14 15
NNCD9.1DA
NNCD8.2DA
NNCD7.5DA
NNCD6.8DA
NNCD4.7DA
μ
μ
μ
μ
μ
μ
NNCD5.1DA
NNCD5.6DA
NNCD6.2DA
NNCD12DA
NNCD10DA
NNCD11DA
NNCD3.3DA
NNCD3.6DA
NNCD3.9DA
NNCD4.3DA
VBR - Breakdown Voltage - V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com