Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NNCD2.4DA Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NNCD2.4DA
Description  ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE 2-PIN SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NNCD2.4DA Datasheet(HTML) 1 Page - Renesas Technology Corp

  NNCD2.4DA Datasheet HTML 1Page - Renesas Technology Corp NNCD2.4DA Datasheet HTML 2Page - Renesas Technology Corp NNCD2.4DA Datasheet HTML 3Page - Renesas Technology Corp NNCD2.4DA Datasheet HTML 4Page - Renesas Technology Corp NNCD2.4DA Datasheet HTML 5Page - Renesas Technology Corp NNCD2.4DA Datasheet HTML 6Page - Renesas Technology Corp NNCD2.4DA Datasheet HTML 7Page - Renesas Technology Corp NNCD2.4DA Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE
2-PIN SUPER MINI MOLD
DATA SHEET
ESD NOISE CLIPPING DIODE
NNCD2.0DA to NNCD39DA
Document No. D18879EJ2V0DS00 (2nd edition)
Date Published January 2010 NS
Printed in Japan
2009
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
PACKAGE DRAWING (Unit: mm)
1.7
±0.1
2.5
±0.15
Cathode Indication
DESCRIPTION
These products are the diode developed for ESD (Electrostatic
Discharge) noise protection. Based on the IEC61000-4-2 test on
electromagnetic interference (EMI), the diode assures an endurance,
thus making itself most suitable for external interface circuit
protection.
FEATURES
• Based on the electrostatic discharge immunity test (IEC61000-4-2),
the product assures the minimum endurance
• Based on the reference supply of the set, the product achieves
a series over a wide range (32 product names lined up)
• Package: 2-pin Super Mini Mold (SC-76)
APPLICATIONS
• External interface circuit ESD protection
• Circuits for Waveform clipper, Surge absorber
ORDERING INFORMATION
PART NUMBER
LEAD PLATING
PACKING
PACKAGE
NNCD
∗∗
Note 1DA-T1-ATNote 2
Pure Sn (Tin)
Tape 3000 p/reel
2-pin Super Mini Mold
(SC-76)
Notes 1. Type Number
2. Pb-free (This product does not contain Pb in the external electrode and other parts.)
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Rating
Unit
Remark
Power Dissipation
P
200
mW
When surface mounting on
30 mm x 30 mm x 1.6 mmt
P.C.B. (Glass Epoxy),
refer to Figure 1
Surge Reverse Power
PRSM
85
W
tT = 10
μs, 1 pulse, refer to Figure 5
Junction Temperature
Tj
150
οC
Storage Temperature
Tstg
−55 to +150
οC
<R>


Similar Part No. - NNCD2.4DA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NNCD20DT-T1-AT RENESAS-NNCD20DT-T1-AT Datasheet
305Kb / 6P
ESD NOISE CLIPPING DIODE
2009
logo
NEC
NNCD24J NEC-NNCD24J Datasheet
113Kb / 5P
ESD NOISE CLIPPING DIODE
logo
Renesas Technology Corp
NNCD27DT-T1-AT RENESAS-NNCD27DT-T1-AT Datasheet
305Kb / 6P
ESD NOISE CLIPPING DIODE
2009
logo
NEC
NNCD27G NEC-NNCD27G Datasheet
41Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE : COMMON ANODE) 5 PIN MINI MOLD
More results

Similar Description - NNCD2.4DA

ManufacturerPart #DatasheetDescription
logo
NEC
NNCD12F NEC-NNCD12F Datasheet
40Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES DOUBLE TYPE, ANODE COMMON 3PIN MINI MOLD
NNCD6.8RH NEC-NNCD6.8RH Datasheet
48Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE (QUARTO TYPE: COMMON ANODE) 5-PIN SUPER SMALL MINI MOLD
NNCD6.8RL NEC-NNCD6.8RL Datasheet
37Kb / 5P
5-PIN SUPER SMALL MINI MOLD (FLAT LEAD TYPE) ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE (QUAD TYPE: COMMON ANODE)
NNCD68PG NEC-NNCD68PG Datasheet
36Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD
NNCD68PH NEC-NNCD68PH Datasheet
39Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN SUPER SMALL MINI MOLD
NNCD68PL NEC-NNCD68PL Datasheet
38Kb / 5P
5-PIN SUPER SMALL MINI MOLD FLAT LEAD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUAD TYPE: COMMON ANODE
NNCD68RG NEC-NNCD68RG Datasheet
46Kb / 6P
LOW CAPACITANCE TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE QUARTO TYPE: COMMON ANODE 5-PIN MINI MOLD
NNCD27G NEC-NNCD27G Datasheet
41Kb / 8P
ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES (QUARTO TYPE : COMMON ANODE) 5 PIN MINI MOLD
NNCD56MG NEC-NNCD56MG Datasheet
35Kb / 4P
LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 5-PIN MINI MOLD
NNCD62MF NEC-NNCD62MF Datasheet
36Kb / 4P
LOW CAPACITANCE HIGH ESD TYPE ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODES 3-PIN MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com