Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NNCD3.0DA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # NNCD3.0DA
Description  ELECTROSTATIC DISCHARGE NOISE CLIPPING DIODE 2-PIN SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NNCD3.0DA Datasheet(HTML) 2 Page - Renesas Technology Corp

  NNCD3.0DA Datasheet HTML 1Page - Renesas Technology Corp NNCD3.0DA Datasheet HTML 2Page - Renesas Technology Corp NNCD3.0DA Datasheet HTML 3Page - Renesas Technology Corp NNCD3.0DA Datasheet HTML 4Page - Renesas Technology Corp NNCD3.0DA Datasheet HTML 5Page - Renesas Technology Corp NNCD3.0DA Datasheet HTML 6Page - Renesas Technology Corp NNCD3.0DA Datasheet HTML 7Page - Renesas Technology Corp NNCD3.0DA Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D18879EJ2V0DS
2
NNCD2.0DA to NNCD39DA
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Breakdown Voltage
VBR (V)
Note 1
Dynamic Impedance
ZZ (
Ω)
Note 2
Reverse Leakage
IR (
μA)
Capacitance
Ct (pF)
ESD Voltage
(kV)
Note 3
Type Number
MIN.
MAX.
IT (mA)
MAX.
IT (mA)
MAX.
VR (V)
TYP.
Condition
TYP.
Condition
NNCD2.0DA
1.90
2.20
5
100
5
120
0.5
260
30
NNCD2.2DA
2.10
2.40
5
100
5
120
0.7
250
30
NNCD2.4DA
2.30
2.60
5
100
5
120
1.0
240
30
NNCD2.7DA
2.50
2.90
5
110
5
120
1.0
235
30
NNCD3.0DA
2.80
3.20
5
120
5
50
1.0
225
30
NNCD3.3DA
3.10
3.50
5
130
5
20
1.0
220
30
NNCD3.6DA
3.40
3.80
5
130
5
10
1.0
210
30
NNCD3.9DA
3.70
4.10
5
130
5
10
1.0
200
30
NNCD4.3DA
4.00
4.49
5
130
5
10
1.0
180
30
NNCD4.7DA
4.40
4.92
5
130
5
10
1.0
170
30
NNCD5.1DA
4.82
5.39
5
130
5
5
1.5
160
30
NNCD5.6DA
5.29
5.94
5
80
5
5
2.5
140
30
NNCD6.2DA
5.84
6.55
5
50
5
2
3.0
120
30
NNCD6.8DA
6.44
7.17
5
30
5
2
3.5
110
30
NNCD7.5DA
7.03
7.87
5
30
5
2
4.0
90
30
NNCD8.2DA
7.73
8.67
5
30
5
2
5.0
90
30
NNCD9.1DA
8.53
9.58
5
30
5
2
6.0
85
30
NNCD10DA
9.42
10.58
5
30
5
2
7.0
80
30
NNCD11DA
10.40
11.60
5
30
5
2
8.0
70
30
NNCD12DA
11.38
12.64
5
35
5
2
9.0
70
30
NNCD13DA
12.43
14.00
5
35
5
2
10
55
30
NNCD15DA
13.80
15.56
5
40
5
2
11
48
30
NNCD16DA
15.31
17.14
5
40
5
2
12
43
30
NNCD18DA
16.89
19.08
5
45
5
2
13
38
30
NNCD20DA
18.80
21.14
5
50
5
2
15
34
30
NNCD22DA
20.81
23.25
5
55
5
2
17
30
30
NNCD24DA
22.86
25.66
5
60
5
2
19
29
30
NNCD27DA
25.10
28.90
2
70
2
2
21
25
30
NNCD30DA
28.00
32.00
2
80
2
2
23
24
30
NNCD33DA
31.00
35.00
2
80
2
2
25
23
25
NNCD36DA
34.00
38.00
2
90
2
2
27
22
20
NNCD39DA
37.00
41.00
2
100
2
2
30
21
VR = 0 V,
f = 1 MHz
20
C = 150 pF,
R = 330
Ω
Notes 1. VBR is tested with pulse (40 ms).
2. ZZ is measured at IT given a small A.C. signal.
3. Based upon with IEC61000-4-2.
<R>



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com