Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2570A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC2570A
Description  NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC2570A Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC2570A Datasheet HTML 1Page - Renesas Technology Corp 2SC2570A Datasheet HTML 2Page - Renesas Technology Corp 2SC2570A Datasheet HTML 3Page - Renesas Technology Corp 2SC2570A Datasheet HTML 4Page - Renesas Technology Corp 2SC2570A Datasheet HTML 5Page - Renesas Technology Corp 2SC2570A Datasheet HTML 6Page - Renesas Technology Corp 2SC2570A Datasheet HTML 7Page - Renesas Technology Corp 2SC2570A Datasheet HTML 8Page - Renesas Technology Corp 2SC2570A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
NPN SILICON RF TRANSISTOR
2SC2570A
NPN EPITAXIAL SILICON RF TRANSISTOR
FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
Document No. PU10207EJ01V0DS (1st edition)
(Previous No. P10404EJ3V0DS00)
Date Published April 2003 CP(K)
Printed in Japan
The mark
• shows major revised points.
©
©
©
© NEC Compound Semiconductor Devices 1980, 2003
DESCRIPTION
The 2SC2570A is designed for use in Low Noise Amplifier of VHF and UHF satges.
FEATURES
• Low noise and high gain : NF = 1.5 dB TYP., Ga = 8 dB TYP. @ VCE = 10 V, IC = 5 mA, f = 1 GHz
• Wide dynamic range : NF = 1.9 dB TYP., Ga = 9 dB TYP. @ VCE = 10 V, IC = 15 mA, f = 1 GHz
ORDERING INFORMATION
Part Number
Quantity
Supplying Form
2SC2570A
500 pcs (Non reel)
• 18 mm wide radial taping
2SC2570A-T
2.5 kpcs/box (Box type)
• Supplying paper tape with in a box
Remark To order evaluation samples, contact your nearby sales office.
The unit sample quantity is 500 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
25
V
Collector to Emitter Voltage
VCEO
12
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
70
mA
Total Power Dissipation
Ptot
Note
600
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Free air



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com