Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3357 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC3357
Description  NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN POWER MINIMOLD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3357 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC3357 Datasheet HTML 1Page - Renesas Technology Corp 2SC3357 Datasheet HTML 2Page - Renesas Technology Corp 2SC3357 Datasheet HTML 3Page - Renesas Technology Corp 2SC3357 Datasheet HTML 4Page - Renesas Technology Corp 2SC3357 Datasheet HTML 5Page - Renesas Technology Corp 2SC3357 Datasheet HTML 6Page - Renesas Technology Corp 2SC3357 Datasheet HTML 7Page - Renesas Technology Corp 2SC3357 Datasheet HTML 8Page - Renesas Technology Corp 2SC3357 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet PU10211EJ01V0DS
2
2SC3357
THERMAL RESISTANCE
Parameter
Symbol
Value
Unit
Junction to Ambient Resistance
Rth (j-a)
Note
62.5
°C/W
Note Mounted on 16 cm
2
× 0.7 mm (t) ceramic substrate
ELECTRICAL CHARACTERISTICS (TA = +25
°°°°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 10 V, IE = 0 mA
–
–
1.0
µA
Emitter Cut-off Current
IEBO
VEB = 1.0 V, IC = 0 mA
–
–
1.0
µA
DC Current Gain
hFE
Note 1
VCE = 10 V, IC = 20 mA
50
120
250
–
RF Characteristics
Gain Bandwidth Product
fT
VCE = 10 V, IC = 20 mA
–
6.5
–
GHz
Insertion Power Gain
S21e2 VCE = 10 V, IC = 20 mA, f = 1 GHz
–
9.0
–
dB
Noise Figure (1)
NF
VCE = 10 V, IC = 7 mA, f = 1 GHz
–
1.1
–
dB
Noise Figure (2)
NF
VCE = 10 V, IC = 40 mA, f = 1 GHz
–
1.8
3.0
dB
Reverse Transfer Capacitance
Cre
Note 2
VCB = 10 V, IE = 0 mA, f = 1 MHz
–
0.65
1.0
pF
Notes 1. Pulse measurement: PW
≤ 350
µs, Duty Cycle ≤ 2%
2. The emitter terminal and the case shall be connected to the guard terminal of the three-terminal
capacitance bridge.
hFE CLASSIFICATION
Rank
RH
RF
RE
Marking
RH
RF
RE
hFE Value
50 to 100
80 to 160
125 to 250



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com