Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2323P Datasheet(PDF) 2 Page - Analog Power

Part # AM2323P
Description  P-Channel 20-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2323P Datasheet(HTML) 2 Page - Analog Power

  AM2323P Datasheet HTML 1Page - Analog Power AM2323P Datasheet HTML 2Page - Analog Power AM2323P Datasheet HTML 3Page - Analog Power AM2323P Datasheet HTML 4Page - Analog Power AM2323P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AM2323P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM2323_C
2
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of
the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential
or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different
applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are
not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation where personal
injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall
indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such
unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an
Equal Opportunity/Affirmative Action Employer.
Min
Typ
Max
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 uA
-0.4
Gate-Body Leakage
IGSS
V
DS = 0 V, VGS = +/-12 V
±100
nA
VDS = -16 V, VGS = 0 V
-1
V
DS = -16 V, VGS = 0 V, TJ = 55
oC
-10
On-State Drain Current
A
ID(on)
VDS = -5 V, VGS = -4.5 V
-3
A
VGS = -4.5 V, ID = -2.9 A
0.100
VGS = -2.5 V, ID = -2.3 A
0.160
VGS = -1.8 V, ID = -1.7 A
0.290
Forward Tranconductance
A
gfs
VDS = -5 V, ID = -2.8 A
3
S
Diode Forward Voltage
VSD
IS = -1.6 A, VGS = 0 V
-0.7
V
Total Gate Charge
Qg
6.0
Gate-Source Charge
Qgs
0.8
Gate-Drain Charge
Qgd
1.3
Turn-On Delay Time
td(on)
6.5
Rise Time
tr
20
Turn-Off Delay Time
td(off)
31
Fall-Time
tf
21
SPECIFICATIONS (TA = 25
o
C UNLESS OTHERWISE NOTED)
uA
IDSS
Zero Gate Voltage Drain Current
Static
Test Conditions
Symbol
Parameter
Limits
Unit
VDD = -5 V, RL = 5 OHM,
VGEN = -4.5 V, RG = 6 OHM
ns
Drain-Source On-Resistance
A
Dynamic
b
VDS = -5 V, VGS = -4.5 V,
ID = -2.6 A
nC
rDS(on)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com