Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM3471P Datasheet(PDF) 1 Page - Analog Power

Part # AM3471P
Description  P-Channel 100-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3471P Datasheet(HTML) 1 Page - Analog Power

  AM3471P Datasheet HTML 1Page - Analog Power AM3471P Datasheet HTML 2Page - Analog Power AM3471P Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AM3471P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM3471_A
1
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
rDS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
VDS (V)
rDS(on) ( )
ID (A)
0.350 @ VGS = -10V
2.0
0.450 @ VGS = -4.5V
1.8
PRODUCT SUMMARY
-100
P-Channel 100-V (D-S) MOSFET
•
Low rDS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
TSOP-6 saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol Maximum Units
VDS
-100
VGS
±20
TA=25
o
C
2.0
TA=70
o
C
1.6
IDM
±8
IS
-2.1
A
TA=25
o
C
2.0
TA=70
o
C
1.3
TJ, Tstg
-55 to 150
o
C
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Paramete r
Pulsed Drain Current
b
V
Gate-Source Voltage
1
2
3
4
5
6
Symbol
Maximum
Units
62.5
oC/W
110
oC/W
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambient
a
t <= 5 sec
RθJA


Similar Part No. - AM3471P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM3470N ANALOGPOWER-AM3470N Datasheet
181Kb / 3P
N-Channel 100V (D-S) MOSFET
AM3472N ANALOGPOWER-AM3472N Datasheet
97Kb / 3P
N-Channel 100V (D-S) MOSFET
AM3474N ANALOGPOWER-AM3474N Datasheet
339Kb / 5P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - AM3471P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM90P10-19L VISHAY-SUM90P10-19L Datasheet
229Kb / 3P
P-Channel 100-V (D-S) MOSFET
24-Jul-06
logo
Analog Power
AM90P10-30P ANALOGPOWER-AM90P10-30P Datasheet
123Kb / 3P
P-Channel 100-V (D-S) MOSFET
AM7411P ANALOGPOWER-AM7411P Datasheet
372Kb / 5P
P-Channel 100-V (D-S) MOSFET
AM40P10-200P ANALOGPOWER-AM40P10-200P Datasheet
342Kb / 5P
P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SISS71DN VISHAY-SISS71DN Datasheet
254Kb / 9P
P-Channel 100 V (D-S) MOSFET
11-Jul-16
SI7457DP VISHAY-SI7457DP Datasheet
317Kb / 13P
P-Channel 100-V (D-S) MOSFET
16-Feb-09
SUP40P10-43 VISHAY-SUP40P10-43 Datasheet
106Kb / 6P
P-Channel 100-V (D-S) MOSFET
05-Oct-09
logo
Analog Power
AM2373P ANALOGPOWER-AM2373P Datasheet
301Kb / 5P
P-Channel 100-V (D-S) MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com