Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4490N Datasheet(PDF) 3 Page - Analog Power

Part # AM4490N
Description  N-Channel 100-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4490N Datasheet(HTML) 3 Page - Analog Power

  AM4490N Datasheet HTML 1Page - Analog Power AM4490N Datasheet HTML 2Page - Analog Power AM4490N Datasheet HTML 3Page - Analog Power AM4490N Datasheet HTML 4Page - Analog Power AM4490N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AM4490N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4490_E
3
Typical Electrical Characteristics
Output Characteristics
Transfer Characteristics
On-Resistance vs. Junction Temperature
Gate Charge
Capacitance
On-Resistance vs. Drain Current
0.2
0.6
1
1.4
1.8
2.2
2.6
-50
-25
0
25
50
75
100
125
150
T
J - Junction Temperature (
oC)
V
GS = 10V
0
5
10
15
20
25
30
0
0.5
1
1.5
2
VDS(V)
3.5V
4.5V
6V
10V
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
VGS Gate to Source Voltage (V)
VD=5V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
0
10
20
30
40
ID Drain Current (A)
4.5V
10V
6V
0
200
400
600
800
1000
1200
1400
1600
0
5
10
15
20
VDS (V)
Ciss
Coss
Crss
0
2
4
6
8
10
0
2
4
6
8 10 12 14 16 18 20
QG, Total Gate Charge (nC)
VD= 15V
ID= 10A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com