Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM4934N Datasheet(PDF) 1 Page - Analog Power

Part # AM4934N
Description  Dual N-Channel 30-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4934N Datasheet(HTML) 1 Page - Analog Power

  AM4934N Datasheet HTML 1Page - Analog Power AM4934N Datasheet HTML 2Page - Analog Power AM4934N Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AM4934N
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4934_A
1
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
rDS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
Dual N-Channel 30-V (D-S) MOSFET
•
Low rDS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
SOIC-8 saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol
Maximum
Units
t <= 10 sec
62.5
oC/W
Steady-State
110
oC/W
THERMAL RESISTANCE RATINGS
Parameter
Maximum Junction-to-Ambient
a
RθJA
FET#
rDS(on) m( )
ID (A)
19 @ VGS = 4.5V
8.4
15 @ VGS = 10V
9.5
23 @ VGS = 4.5V
7.7
15 @ VGS = 10V
9.5
1
PRODUCT SUMMARY
2
Symbol
FET#1
FET#1
Units
VDS
30
30
VGS
20
20
TA=25
oC
9.5
9.5
TA=70
oC
7.7
7.7
IDM
40
40
IS
4.5
4.5
A
TA=25
oC
2.1
2.1
TA=70
oC
1.3
1.3
TJ, Tstg
oC
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
-55 to 150
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A


Similar Part No. - AM4934N

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4930N ANALOGPOWER-AM4930N Datasheet
389Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM4930N-T1-PF VBSEMI-AM4930N-T1-PF Datasheet
1Mb / 9P
Dual N-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM4932N ANALOGPOWER-AM4932N Datasheet
374Kb / 5P
N-Channel 30-V (D-S) MOSFET
AM4935P ANALOGPOWER-AM4935P Datasheet
369Kb / 5P
Dual P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM4935P-T1-PF VBSEMI-AM4935P-T1-PF Datasheet
2Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AM4934N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
Dual N-Channel 30-V (D-S) MOSFET
13-Oct-03
SI4828DY VISHAY-SI4828DY Datasheet
83Kb / 7P
Dual N-Channel 30-V (D-S) MOSFET
15-May-00
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
Dual N-Channel 30-V (D-S) MOSFET
13-Jun-05
SI4804BDY VISHAY-SI4804BDY Datasheet
64Kb / 5P
Dual N-Channel 30-V (D-S) MOSFET
29-Dec-03
SI1970DH VISHAY-SI1970DH_08 Datasheet
120Kb / 7P
Dual N-Channel 30-V (D-S) MOSFET
27-Nov-06
SI5902BDC VISHAY-SI5902BDC Datasheet
114Kb / 7P
Dual N-Channel 30-V (D-S) MOSFET
02-Jul-07
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4922BDY-T1-E3 VISHAY-SI4922BDY-T1-E3 Datasheet
254Kb / 10P
Dual N-Channel 30-V (D-S) MOSFET
27-Apr-09
SI9936BDY-T1-GE3 VISHAY-SI9936BDY-T1-GE3 Datasheet
252Kb / 9P
Dual N-Channel 30-V (D-S) MOSFET
27-Apr-09
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
Dual N-Channel 30-V (D-S) MOSFET
22-Dec-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com