Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7331PE Datasheet(PDF) 1 Page - Analog Power

Part # AM7331PE
Description  P-Channel 30-V (D-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7331PE Datasheet(HTML) 1 Page - Analog Power

  AM7331PE Datasheet HTML 1Page - Analog Power AM7331PE Datasheet HTML 2Page - Analog Power AM7331PE Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AM7331PE
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM7331PE_A
1
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
rDS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
P-Channel 30-V (D-S) MOSFET
•
Low rDS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
DFN3x3-8PP saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
VDS (V)
rDS(on) m( )
ID (A)
14 @ VGS = -10V
-13.4
26 @ VGS = -4.5V
-11.1
PRODUCT SUMMARY
-30
Symbol Maximum Units
VDS
-30
VGS
±20
TA=25
o
C
-13.4
TA=70
o
C
-11.0
IDM
±50
IS
-2.1
A
TA=25
o
C
3.5
TA=70
o
C
2.0
TJ, Tstg -55 to 150
o
C
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUMRATINGS (TA = 25
oCUNLESSOTHERWISENOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
S
S
S
G
1
2
3
4
DFN3x3-8PP
Top View
D
D
D
D
8
7
6
5
S
D
G
P-Channel MOSFET
Symbol
Maximum
Units
t <=10 sec
35
o
C/W
Steady State
81
o
C/W
THERMALRESISTANCERATINGS
Parameter
MaximumJunction-to-Ambient
a
RθJA


Similar Part No. - AM7331PE

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7331P ANALOGPOWER-AM7331P Datasheet
289Kb / 5P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AM7331PE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com