Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7435P Datasheet(PDF) 3 Page - Analog Power

Part # AM7435P
Description  P-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7435P Datasheet(HTML) 3 Page - Analog Power

  AM7435P Datasheet HTML 1Page - Analog Power AM7435P Datasheet HTML 2Page - Analog Power AM7435P Datasheet HTML 3Page - Analog Power AM7435P Datasheet HTML 4Page - Analog Power AM7435P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AM7435P
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
0
0.0036
0.0072
0.0108
0.0144
0.018
0
10
20
30
40
50
ID-Drain Current (A)
3.5V
3V
8V,10V
6V
4.5V
4V
0
10
20
30
40
50
0
0.1
0.2
0.3
0.4
0.5
VDS - Drain-to-Source Voltage (V)
10V,8V
3.5V
4V
3V
6V4.5V
0
0.005
0.01
0.015
0.02
0.025
0.03
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
TJ = 25°C
0
10
20
30
40
50
0
1
2
3
4
5
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
2000
4000
6000
8000
10000
12000
14000
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz
ID = -19.2A
© Preliminary
3
Publication Order Number:
DS_AM7435P_1A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com